Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDFGLR-25M125 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # CDFGLR-25M125
Description  3.3, 5.0 volt CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CDFGLR-25M125 Datasheet(HTML) 2 Page - Vectron International, Inc

  CDFGLR-25M125 Datasheet HTML 1Page - Vectron International, Inc CDFGLR-25M125 Datasheet HTML 2Page - Vectron International, Inc CDFGLR-25M125 Datasheet HTML 3Page - Vectron International, Inc CDFGLR-25M125 Datasheet HTML 4Page - Vectron International, Inc CDFGLR-25M125 Datasheet HTML 5Page - Vectron International, Inc CDFGLR-25M125 Datasheet HTML 6Page - Vectron International, Inc CDFGLR-25M125 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
C-TYPE Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance, 5V option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
0.012
125.000
MHz
Operating Supply Voltage
1
VDD
4.5
5.0
5.5
V
Absolute Maximum Supply Voltage
-0.7
7.0
V
Supply Current, Output Enabled
<1.5 MHz
1.5 to 20 MHz
20.01 to 50 MHz
50.01 to 85 MHz
85.01 to 125 MHz
IDD
7
10
30
50
60
mA
Supply Current, Out disabled
IDD
30
uA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
Output Logic High Drive
Output Logic Low Drive
VOH
VOL
IOH
IOL
0.9*VDD
16
16
0.1*VDD
V
V
mA
mA
Output Rise/Fall Time
2
< 1.00 MHz
1.0 to 20.00 MHz
20.01 to 50.00 MHz
50.01 to 125.00 MHz
tR/tF
200
8
5
2
ns
Duty Cycle
3 (ordering option)
SYM
45/55
%
Operating Temperature (ordering option)
-10/70 or -40/85
°C
Storage Temperature
-55
125
°C
Stability
4 (ordering option)
±20, ±25, ±32, ±50, ±100
ppm
RMS Jitter, 12kHz to 20 MHz
0.5
1
ps
Period Jitter, RMS
2.5
ps
Output Enable/Disable
5
Output Enabled
Output Disabled
4.0
0.8
V
Internal Enable Pull-Up resistor
5
100
Kohm
Start-up time
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the operating conditions under which these parameters are tested and
specified.
3. Symmetry is measured defined as On Time/Period.
4. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
5. Output will be enabled if enable/disable is left open.
Figure 1. Output Waveform
Figure 2. Typical Output Test Conditions (25
±5°C)
+
-
+
-
IC
V C
3
2
.1
µF
.01
µF
15pF
4
1
I DD
VDD
VOH
50%
VOL
t F
tR
Period
On Time


Similar Part No. - CDFGLR-25M125

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CDFGS187 MOLEX4-CDFGS187 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
CDFGS187 MOLEX4-CDFGS187 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag
More results

Similar Description - CDFGLR-25M125

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCB2 VECTRON-VCB2 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com