Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U673D827F075GL1C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # U673D827F075GL1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D827F075GL1C Datasheet(HTML) 3 Page - Vishay Siliconix

  U673D827F075GL1C Datasheet HTML 1Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 2Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 3Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 4Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 5Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 6Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 7Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 8Page - Vishay Siliconix U673D827F075GL1C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
U673D and U674D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42057
434
Revision: 16-Jul-08
ORDERING EXAMPLE
Electrolytic capacitor U673D and U674D series: U673D 228 F 6R3 GE 1 C
DESCRIPTION
CODE
EXPLANATION
U673D
product type
228
capacitance value (2200 µF)
F
capacitance tolerance (F = - 10 %, + 50 %; H = - 10 %, + 100 %)
6R3
voltage rating at 105 °C (6R3 = 6.3 V)
GE
can size (see dimensions table)
1
sleeve and sealing (1 = p.v.c. sleeve)
C
terminal code (see available forms tables)
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX. Z
AT 100 kHz
(m
Ω)
120 Hz
20 kHz to 40 kHz
20 kHz to 40 kHz
6.3 WVDC AT 105 °C, SURGE = 9 V
2200.0
U673D228F6R3GE1C
0.770 x 1.150 [19.6 x 29.2]
105.0
81.0
2.30
83.0
4700.0
U673D478F6R3GJ1C
0.770 x 1.650 [19.6 x 41.9]
53.0
41.0
3.70
43.0
6800.0
U673D688F6R3GL1C
0.770 x 2.150 [19.6 x 54.6]
36.0
28.0
4.95
30.0
8200.0
U673D828F6R3GP1C
0.770 x 2.650 [19.6 x 67.3]
28.0
22.7
6.11
25.0
10 000.0
U673D109F6R3GS1C
0.770 x 3.150 [19.6 x 80.0]
23.0
19.0
7.20
21.0
12 000.0
U673D129F6R3GT1C
0.770 x 3.650 [19.6 x 92.7]
21.0
17.0
8.14
19.0
3300.0
U673D338F6R3HE1C
0.895 x 1.150 [22.7 x 29.2]
74.0
58.0
3.00
60.0
6800.0
U673D688F6R3HJ1C
0.895 x 1.650 [22.7 x 41.9]
38.0
39.0
4.73
41.0
10 000.0
U673D109F6R3HL1C
0.895 x 2.150 [22.7 x 54.6]
27.0
22.0
6.20
24.0
15 000.0
U673D159F6R3HP1C
0.895 x 2.650 [22.7 x 67.3]
21.0
17.4
7.62
19.0
18 000.0
U673D189F6R3HS1C
0.895 x 3.150 [22.7 x 80.0]
18.0
15.0
8.83
17.0
22 000.0
U673D229F6R3HT1C
0.895 x 3.650 [22.7 x 92.7]
15.8
13.3
10.10
15.0
4700.0
U673D478F6R3JE1C
1.020 x 1.150 [25.9 x 29.2]
60.0
48.0
3.60
50.0
10 000.0
U673D109F6R3JJ1C
1.020 x 1.650 [25.9 x 41.9]
32.0
26.0
5.54
28.0
15 000.0
U673D159F6R3JL1C
1.020 x 2.150 [25.9 x 54.6]
22.6
18.8
7.30
21.0
18 000.0
U673D189F6R3JP1C
1.020 x 2.650 [25.9 x 67.3]
18.0
15.2
8.81
17.0
22 000.0
U673D229F6R3JS1C
1.020 x 3.150 [25.9 x 80.0]
15.4
13.0
10.20
14.0
27 000.0
U673D279F6R3JT1C
1.020 x 3.650 [25.9 x 92.7]
13.4
11.5
11.60
13.0
7.5 WVDC AT 105 °C, SURGE = 10 V
1800.0
U673D188F7R5GE1C
0.770 x 1.150 [19.6 x 29.2]
110.0
82.0
2.30
84.0
3900.0
U673D398F7R5GJ1C
0.770 x 1.650 [19.6 x 41.9]
55.0
41.0
3.70
52.0
5600.0
U673D568F7R5GL1C
0.770 x 2.150 [19.6 x 54.6]
38.0
29.0
4.93
31.0
8200.0
U673D828F7R5GP1C
0.770 x 2.650 [19.6 x 67.3]
29.5
22.8
6.10
25.0
10 000.0
U673D109F7R5GS1C
0.770 x 3.150 [19.6 x 80.0]
25.8
20.0
7.04
22.0
12 000.0
U673D129F7R5GT1C
0.770 x 3.650 [19.6 x 92.7]
22.0
17.4
8.06
19.0
3300.0
U673D338F7R5HE1C
0.895 x 1.150 [22.7 x 29.2]
76.0
58.4
2.97
61.0
5600.0
U673D568F7R5HJ1C
0.895 x 1.650 [22.7 x 41.9]
39.5
30.6
4.72
33.0
8200.0
U673D828F7R5HL1C
0.895 x 2.150 [22.7 x 54.6]
27.7
21.8
6.23
24.0
12 000.0
U673D129F7R5HP1C
0.895 x 2.650 [22.7 x 67.3]
22.0
17.6
7.58
20.0
15 000.0
U673D159F7R5HS1C
0.895 x 3.150 [22.7 x 80.0]
18.7
15.0
8.82
17.0
18 000.0
U673D189F7R5HT1C
0.895 x 3.650 [22.7 x 92.7]
16.4
13.5
9.97
15.0
3900.0
U673D398F7R5JE1C
1.020 x 1.150 [25.9 x 29.2]
62.0
48.0
3.55
50.0
8200.0
U673D828F7R5JJ1C
1.020 x 1.650 [25.9 x 41.9]
32.0
25.9
5.56
28.0
12 000.0
U673D129F7R5JL1C
1.020 x 2.150 [25.9 x 54.6]
23.5
19.0
7.22
21.0
18 000.0
U673D189F7R5JP1C
1.020 x 2.650 [25.9 x 67.3]
18.3
15.0
8.83
17.0
22 000.0
U673D229F7R5JS1C
1.020 x 3.150 [25.9 x 80.0]
15.8
13.0
10.20
15.0
27 000.0
U673D279F7R5JT1C
1.020 x 3.650 [25.9 x 92.7]
13.8
11.6
11.60
13.0


Similar Part No. - U673D827F075GL1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D827F075GL1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com