Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU050-GELHA-65M0000000 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TRU050-GELHA-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GELHA-65M0000000 Datasheet(HTML) 2 Page - Vectron International, Inc

  TRU050-GELHA-65M0000000 Datasheet HTML 1Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 2Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 3Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 4Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 2 of 14
Rev: 26Aug2008
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Output Frequency (ordering option)
Out 1, 5V option
Out 1, 3.3V option
1.000
1.000
65.636
51.840
MHz
MHz
Supply Voltage
1
+5
+3.3
VDD
4.5
3.0
5.0
3.3
5.5
3.6
V
V
Supply Current
IDD
65
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Output Transition Times
Rise Time
2
Fall Time
2
tR
tF
5
5
ns
ns
Input Logic Levels
Output Logic High
2
Output Logic Low
2
VIH
VIL
2.0
0.5
V
V
Loss of Signal Indication
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Nominal Frequency on Loss of Signal
Output 1
Output 2
±75
±75
ppm
ppm
Symmetry or Duty Cycle
3
Out 1
Out 2
RCLK
SYM1
SYM2
RCLK
40/60
45/55
40/60
%
%
%
Absolute Pull Range, ordering option
over operating temp, aging, power supply
variations
APR
±50
±80
±100
ppm
Test Conditions for APR (+5V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)
VC
0.3
3.0
V
Gain Transfer
Positive
Phase Detector Gain
+5V option
+3.3V Option
0.53
0.35
rad/V
rad/V
Operating temperature, ordering option
0/70 or –40/85
°C
Control Voltage Leakage Current
IVCXO
±1
uA
1. A good quality 0.01uF in parrallel with a 0.1 uf capacitor should be located as close to pin 16 to ground as possible.
2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five-gate TTL load and operating conditions under which these parameters are
tested and specified. Loads greater than 15 pF will adversely effect rise/fall time and duty cycle.
3. Symmetry is defined as (ON TIME/PERIOD with Vs=-1.4 V for both 5V and 3.3V operation.
Figure 2. Output Waveform
Figure 3. OUT1, OUT2, RDATA and RCLK
Test Conditions (25
±5°C)
80
%
1.4V
20
%
TF
TR
Period
On Time
+
-
+
-
IC
VC
3
.1
μF.01μF
15pF
16
1
IDD
650
Ω
VDD
1.8k


Similar Part No. - TRU050-GELHA-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GELHA ETC-TRU050-GELHA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GELHA-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com