Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU050-GELHA-65M0000000 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TRU050-GELHA-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GELHA-65M0000000 Datasheet(HTML) 1 Page - Vectron International, Inc

  TRU050-GELHA-65M0000000 Datasheet HTML 1Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 2Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 3Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 4Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GELHA-65M0000000 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 1 of 14
Rev: 26Aug2008
TRU050
Complete VCXO based Phase-Locked Loop
The TRU050, VCXO based PLL
Features
• Output Frequencies to 65.536 MHz
• 5.0 V or 3.3Vdc Operation
• Tri-State Output
• Holdover on Loss of Signal Alarm
• VCXO with CMOS Outputs
• 0/70° or –40/85°C Temperature Range
• Ceramic SMD Package
• RoHS/Lead Free Compliant
Description
The VI TRU050 is a user-configurable crystal-based
PLL integrated circuit. It includes a digital phase
detector, op-amp, VCXO and additional integrated
functions for use in digital synchronization
applications. Loop filter software is available as well
SPICE models for circuit simulation.
Applications
• Frequency Translation
• Clock Smoothing
• NRZ Clock Recovery
• DSLAM, ADM, ATM, Aggregation, Optical
Switching/Routing, Base Station
• Low Jitter PLL’s
Figure 1. TRU050 Block Diagram


Similar Part No. - TRU050-GELHA-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GELHA ETC-TRU050-GELHA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GELHA-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com