Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T98R227K020EBB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T98R227K020EBB
Description  TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98R227K020EBB Datasheet(HTML) 2 Page - Vishay Siliconix

  T98R227K020EBB Datasheet HTML 1Page - Vishay Siliconix T98R227K020EBB Datasheet HTML 2Page - Vishay Siliconix T98R227K020EBB Datasheet HTML 3Page - Vishay Siliconix T98R227K020EBB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T98
Vishay Sprague
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse
Conformal Coated
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40119
2
Revision: 25-Jun-08
Note:
• All ratings are preliminary, contact marketing for availability
RATINGS AND CASE CODE
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V
10
15
E/R
22
RF
33
F
47
RZ
68
R
100
150
F
220
E
R
330
V
E
F
470
V
E
E
680
E
E
R
1000
E/R
R
1500
R
2200
STANDARD RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER*
MAX. DCL
at + 25 °C
(µA)
MAX. DF
at + 25 °C
120 Hz (%)
(PRELIMINARY)
MAX. ESR
at + 25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
4 WVDC at + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC at + 125 °C, SURGE = 3.4 V
470
V
T98V477(1)004(2)(3)(4)
19
8
60
2.2
680
E
T98E687(1)004(2)(3)(4)
27
6
55
2.9
1000
E
T98E108(1)004(2)(3)(4)
40
8
50
3.3
1000
R
T98R108(1)004(2)(3)(4)
40
8
48
3.7
1500
R
T98R158(1)004(2)(3)(4)
60
8
45
4.1
6.3 WVDC at + 85 °C, SURGE = 8 V . . . 4 WVDC at + 125 °C, SURGE = 5 V
330
V
T98V337(1)6R3(2)(3)(4)
21
8
65
2.0
470
E
T98E477(1)6R3(2)(3)(4)
30
6
60
2.7
680
E
T98E687(1)6R3(2)(3)(4)
43
6
55
2.9
1000
R
T98R108(1)6R3(2)(3)(4)
63
8
50
3.5
10 WVDC at + 85 °C, SURGE = 13 V . . . 7 WVDC at + 125 °C, SURGE = 8 V
330
E
T98E337(1)010(2)(3)(4)
33
6
65
2.5
470
E
T98E477(1)010(2)(3)(4)
47
6
58
2.8
680
R
T98R687(1)010(2)(3)(4)
68
6
58
2.9
16 WVDC at + 85 °C, SURGE = 20 V . . . 10 WVDC at + 125 °C, SURGE = 12 V
220
E
T98E227(1)016(2)(3)(4)
35
8
70
2.3
Notes:
• All ratings are preliminary, contact marketing for availability
* Contact factory for availability
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, B, S, Z
(4) Surge Current: A, B, S


Similar Part No. - T98R227K020EBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T98R227K020 VISHAY-T98R227K020 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results

Similar Description - T98R227K020EBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com