Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T95S107M010CSAS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T95S107M010CSAS
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95S107M010CSAS Datasheet(HTML) 3 Page - Vishay Siliconix

  T95S107M010CSAS Datasheet HTML 1Page - Vishay Siliconix T95S107M010CSAS Datasheet HTML 2Page - Vishay Siliconix T95S107M010CSAS Datasheet HTML 3Page - Vishay Siliconix T95S107M010CSAS Datasheet HTML 4Page - Vishay Siliconix T95S107M010CSAS Datasheet HTML 5Page - Vishay Siliconix T95S107M010CSAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
151
T95
Solid Tantalum Chip Capacitors
TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Vishay Sprague
Notes:
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, S, Z
(4) Surge Current: A, B, S
(5) ESR: L, S
(6) Reliability Level: A, B, S, Z
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
STD.(S)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
LOW (L)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
4 WVDC AT + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
6.8
S
T95S685(1)004(2)(3)(4)L
0.5
6
N/A
2.000
10
S
T95S106(1)004(2)(3)(4)L
0.5
6
N/A
2.000
15
V
T95V156(1)004(2)(3)(4)L
0.6
6
N/A
1.500
22
X
T95X226(1)004(2)(3)(4)L
0.9
6
N/A
1.000
33
X
T95X336(1)004(2)(3)(4)L
1.3
6
N/A
1.000
47
Y
T95Y476(1)004(2)(3)(4)L
1.9
6
N/A
0.600
68
Y
T95Y686(1)004(2)(3)(4)L
2.7
6
N/A
0.600
100
Z
T95Z107(1)004(2)(3)(4)L
4.0
6
N/A
0.400
270
D
T95D277(1)004(2)(3)(4)(5)
10.8
8
0.130
0.060
330
R
T95R337(1)004(2)(3)(4)(5)
13.2
8
0.130
0.080
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT 125 °C, SURGE = 5 V
4.7
S
T95S475(1)6R3(2)(3)(4)L
0.5
6
N/A
2.000
6.8
S
T95S685(1)6R3(2)(3)(4)L
0.5
6
N/A
2.000
10
V
T95V106(1)6R3(2)(3)(4)L
0.6
6
N/A
1.500
15
X
T95X156(1)6R3(2)(3)(4)L
0.9
6
N/A
1.000
22
X
T95X226(1)6R3(2)(3)(4)L
1.4
6
N/A
1.000
47
Y
T95Y476(1)6R3(2)(3)(4)L
2.8
6
N/A
0.600
100
Z
T95Z107(1)6R3(2)(3)(4)L
6.0
6
N/A
0.400
180
R
T95R187(1)6R3(2)(3)(4)(5)
10.8
8
0.130
0.080
220
R
T95R227(1)6R3(2)(3)(4)(5)
13.2
8
0.130
0.080
390
R
T95R397(1)6R3(2)(3)(4)(5)
23.4
8
0.130
0.045
470
D
T95D477(1)6R3(2)(3)(4)(5)
28.2
10
0.130
0.060
680
R
T95R687(1)6R3(2)(3)(4)(5)
40.8
12
0.090
0.045
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT 125 °C, SURGE = 8 V
3.3
S
T95S335(1)010(2)(3)(4)L
0.5
6
N/A
2.500
4.7
S
T95S475(1)010(2)(3)(4)L
0.5
6
N/A
2.000
6.8
V
T95V685(1)010(2)(3)(4)L
0.7
6
N/A
2.000
10
X
T95X106(1)010(2)(3)(4)L
1.0
6
N/A
1.500
15
X
T95X156(1)010(2)(3)(4)L
1.5
6
N/A
1.000
22
Y
T95Y226(1)010(2)(3)(4)L
2.2
6
N/A
0.600
33
Z
T95Z336(1)010(2)(3)(4)L
3.3
6
N/A
0.400
47
Z
T95Z476(1)010(2)(3)(4)L
4.7
6
N/A
0.400
100
R
T95R107(1)010(2)(3)(4)(5)
10.0
8
0.140
0.075
120
R
T95R127(1)010(2)(3)(4)(5)
12.0
8
0.140
0.070
150
D
T95D157(1)010(2)(3)(4)(5)
15.0
8
0.140
0.075
150
R
T95R157(1)010(2)(3)(4)(5)
15.0
8
0.130
0.065
220
D
T95D227(1)010(2)(3)(4)(5)
22.0
8
0.140
0.065
220
R
T95R227(1)010(2)(3)(4)(5)
22.0
8
0.130
0.055
330
R
T95R337(1)010(2)(3)(4)(5)
33.0
8
0.130
0.055
680
R
T95R687(1)010(2)(3)(4)S
68.0
14
0.090
N/A


Similar Part No. - T95S107M010CSAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95S106K004CAAL VISHAY-T95S106K004CAAL Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
More results

Similar Description - T95S107M010CSAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com