Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U673D338F050JP1C Datasheet(PDF) 10 Page - Vishay Siliconix

Part # U673D338F050JP1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D338F050JP1C Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button U673D338F050JP1C Datasheet HTML 5Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 6Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 7Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 8Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 9Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 10Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 11Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 12Page - Vishay Siliconix U673D338F050JP1C Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Document Number: 42057
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 16-Jul-08
441
U673D and U674D
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
Vishay Sprague
20 WVDC AT + 105 °C, SURGE = 30 V
680.0
U673D687H020GE1C
GE
131.0
72.0
2.42
75.0
1000.0
U673D108H020HE1C
HE
86.0
50.0
3.21
54.0
1500.0
U673D158H020JE1C
JE
71.0
43.0
3.68
45.0
2200.0
U673D228H020HJ1C
HJ
44.0
26.0
5.11
28.0
2700.0
U673D278H020JJ1C
JJ
37.0
23.0
5.90
25.0
3300.0
U673D338H020HL1C
HL
30.0
19.0
6.67
21.0
3900.0
U673D398H020GT1C
GT
24.0
15.0
8.69
18.0
4700.0
U673D478H020JL1C
JL
26.0
17.0
7.62
20.0
5600.0
U673D568H020JP1C
JP
20.0
14.0
9.17
17.0
6800.0
U673D688H020JS1C
JS
17.0
12.0
10.60
16.0
8200.0
U673D828H020JT1C
JT
15.0
10.0
12.40
14.0
25 WVDC AT + 105 °C, SURGE = 35 V
560.0
U673D567H025GE1C
GE
144.0
67.0
2.51
70.0
820.0
U673D827H025HE1C
HE
103.0
51.0
3.18
55.0
1200.0
U673D128H025JE1C
JE
80.0
42.0
3.81
44.0
1500.0
U673D158H025GL1C
GL
49.0
24.0
5.42
26.0
1800.0
U673D188H025HJ1C
HJ
52.0
27.0
5.01
30.0
2200.0
U673D228H025JJ1C
JJ
41.0
23.0
5.90
25.0
2700.0
U673D278H025GS1C
GS
31.0
16.0
7.85
19.0
3300.0
U673D338H025JL1C
JL
28.0
16.0
7.86
19.0
3900.0
U673D398H025HS1C
HS
23.0
13.0
9.51
16.0
4700.0
U673D478H025JP1C
JP
22.0
13.0
9.51
16.0
5600.0
U673D568H025JS1C
JS
19.0
11.0
11.10
14.0
6800.0
U673D688H025JT1C
JT
16.0
10.0
12.40
13.0
40 WVDC AT + 105 °C, SURGE = 55 V
330.0
U673D337H040GE1C
GE
199.0
69.0
2.48
71.0
560.0
U673D567H040HE1C
HE
135.0
50.0
3.21
54.0
680.0
U673D687H040JE1C
JE
110.0
44.0
3.72
47.0
1000.0
U673D108H040HJ1C
HJ
67.0
27.0
5.01
30.0
1200.0
U673D128H040GP1C
GP
51.0
20.0
6.51
22.0
1500.0
U673D158H040JJ1C
JJ
55.0
23.0
5.90
26.0
1800.0
U673D188H040GS1C
GS
41.0
16.0
7.85
19.0
2200.0
U673D228H040JL1C
JL
38.0
17.0
7.62
19.0
2700.0
U673D278H040JP1C
JP
29.0
14.0
9.17
17.0
3300.0
U673D338H040JS1C
JS
24.0
12.0
10.60
15.0
3900.0
U673D398H040JT1C
JT
21.0
10.0
12.40
13.0
50 WVDC AT + 105 °C, SURGE = 75 V
270.0
U673D277H050GE1C
GE
249.0
70.0
2.46
72.0
390.0
U673D397H050HE1C
HE
170.0
52.0
3.15
54.0
470.0
U673D477H050GJ1C
GJ
122.0
36.0
3.96
38.0
560.0
U673D567H050JE1C
JE
129.0
43.0
3.77
45.0
820.0
U673D827H050HJ1C
HJ
85.0
27.0
5.01
30.0
1000.0
U673D108H050JJ1C
JJ
65.0
23.0
5.90
25.0
1200.0
U673D128H050HL1C
HL
57.0
19.0
6.67
21.0
1500.0
U673D158H050JL1C
JL
44.0
17.0
7.62
20.0
1800.0
U673D188H050HS1C
HS
36.0
13.0
9.51
16.0
2200.0
U673D228H050JP1C
JP
34.0
14.0
9.17
17.0
2700.0
U673D278H050JS1C
JS
28.0
12.0
10.60
15.0
3300.0
U673D338H050JT1C
JT
24.0
10.0
12.40
13.0
Note
(1) For applications requiring single ended, 3 lead capacitors, change the Part Number U673D to Part Number U674D. Type U674D is only
available in terminal style “A”.
ORIGINAL RATINGS
CAPACITANCE
(µF)
PART NUMBER (1)
CASE CODE
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX.
IMPEDANCE
AT 100 kHz
(m
Ω)
120 Hz
20 kHz
20 kHz to
100 kHz


Similar Part No. - U673D338F050JP1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D338F050JP1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com