Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K471J15C0GF5.L2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K471J15C0GF5.L2
Description  Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K471J15C0GF5.L2 Datasheet(HTML) 2 Page - Vishay Siliconix

  K471J15C0GF5.L2 Datasheet HTML 1Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 2Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 3Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 4Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 5Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 6Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 7Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 8Page - Vishay Siliconix K471J15C0GF5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Document Number: 45175
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 18-Jan-06
54
Mono-Kap
Dipped Radial Multilayer Ceramic Capacitors
50 - 100 Vdc
Vishay
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range
10 pF to 6800 pF
100 pF to 1.0 µF
0.1 µF to 1.0 µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
100 V
Tolerance on
capacitance
± 5 %/± 10 %
± 10 %/± 20 %
+ 80/- 20 %
Dielectric Code
C0G (NP0)
X7R
Y5V
ORDERING INFORMATION
K
103
K
15
X7R
F
5
3
H
5
PRODUCT
TYPE
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
SIZE CODE
TEMP.
CHAR.
RATED
VOLTAGE
LEAD
DIAMETER
LEAD
LENGTH/
PACKAGING
LEAD
STYLE
LEAD
SPACING
K =
Mono-Kap
Two
significant
digits
followed
by the number
of zeros.
example:
103 =
10 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80/- 20 %
Ref.
mechanical
spec.
C0G
X7R
Y5V
F = 50 VDC
H = 100 VDC
5 = 0.5 mm
(0.020")
3 = bulk,
with lead
length of
30 ± 5.0
(1.25")
T = Tape
and Reel
U = Ammo
pack
L =
Straight
Lead
H = High
Seated
assy
2 = 2.5
(0.100")
5 = 5.0
(0.200")


Similar Part No. - K471J15C0GF5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K471J15C0GF53H5 VISHAY-K471J15C0GF53H5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K471J15C0GF5TL2 VISHAY-K471J15C0GF5TL2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Similar Description - K471J15C0GF5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com