Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDFEHR-25M125 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # CDFEHR-25M125
Description  3.3, 5.0 volt CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CDFEHR-25M125 Datasheet(HTML) 1 Page - Vectron International, Inc

  CDFEHR-25M125 Datasheet HTML 1Page - Vectron International, Inc CDFEHR-25M125 Datasheet HTML 2Page - Vectron International, Inc CDFEHR-25M125 Datasheet HTML 3Page - Vectron International, Inc CDFEHR-25M125 Datasheet HTML 4Page - Vectron International, Inc CDFEHR-25M125 Datasheet HTML 5Page - Vectron International, Inc CDFEHR-25M125 Datasheet HTML 6Page - Vectron International, Inc CDFEHR-25M125 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
C-TYPE
3.3, 5.0 volt CMOS Oscillator
Not recommended for new designs
The C-TYPE Crystal Oscillator
Features
• CMOS output
• Output frequencies to 190 MHz
• Low jitter, Fundamental or 3rd OT Crystal
• Tri-state output for board test and debug
• Gold over nickel contact pads
Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH/DWDM
• Ethernet, Gigabit Ethernet
• Storage Area Network
Digital Video
Broadband Access
Microprocessors/DSP/FPGA
Description
Vectron’s C-TYPE Crystal Oscillator (XO) is
quartz stabilized square wave generator with a
CMOS output, operating off a 1.8, 2.5, 3.3, or 5.0
volt supply.
The C-TYPE uses fundamental or 3
rd overtone
crystals resulting in low jitter performance,
typically 0.5ps rms in the 12 kHz to 20MHz band.
Also a monolithic IC, which improves reliability
and reduces cost, is hermitically sealed.
fo
Output
Buffer /
Disable


Similar Part No. - CDFEHR-25M125

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CDF TOKO-CDF Datasheet
74Kb / 1P
   FM CERAMIC DISCRIMINATOR
logo
RUBYCON CORPORATION
CDF RUBYCON-CDF Datasheet
52Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
logo
Tyco Electronics
CDF-38-70001 MACOM-CDF-38-70001 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CDF-38-70002 MACOM-CDF-38-70002 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CDF-38-70003 MACOM-CDF-38-70003 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
More results

Similar Description - CDFEHR-25M125

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCB2 VECTRON-VCB2 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com