Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y4044759R000C1W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y4044759R000C1W
Description  Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4044759R000C1W Datasheet(HTML) 2 Page - Vishay Siliconix

  Y4044759R000C1W Datasheet HTML 1Page - Vishay Siliconix Y4044759R000C1W Datasheet HTML 2Page - Vishay Siliconix Y4044759R000C1W Datasheet HTML 3Page - Vishay Siliconix Y4044759R000C1W Datasheet HTML 4Page - Vishay Siliconix Y4044759R000C1W Datasheet HTML 5Page - Vishay Siliconix Y4044759R000C1W Datasheet HTML 6Page - Vishay Siliconix Y4044759R000C1W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
V5X5P, V15X5P, V15X10P
Vishay Foil Resistors Bulk Metal
® Foil Technology Discrete Chips
with TCR of 2 ppm/°C and Tolerance to 0.005 %
for use in Hybrid Circuits
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63024
2
Revision: 25-Oct-07
FIGURE 2 - DIMENSIONS in inches (millimeters)
0.020 ± 0.005
(0.508 ± 0.127)
0.150 ± 0.005
(3.81 ± 0.127)
+ 0.001
- 0.004
+0.025
- 0.102
0.019
0.483
(
)
0.005 ± 0.004
(1.27 ± 0.102)
+ 0.001
- 0.004
+0.025
- 0.102
0.029
0.737
(
)
0.150 ± 0.005
(3.81 ± 0.127)
0.020 ± 0.005
(0.508 ± 0.127)
+ 0.001
- 0.004
+ 0.025
- 0.102
0.019
0.483
(
)
0.005 ± 0.004
(1.27 ± 0.102)
+ 0.001
- 0.004
+ 0.025
- 0.102
0.029
0.737
(
)
0.050 ± 0.005
(1.27 ± 0.127)
0.034
(0.864)
Nominal
0.008
(0.203)
Nominal
0.008
(0.203)
Nominal
Square
0.008
(0.203)
Nominal
0.020 ± 0.005
(0.508 ± 0.127)
V15X5P
V5X5P
V15X10P
TABLE 2 - PRECISION CHIP RESISTOR SPECIFICATIONS2)
Resistance range
5
Ω to 10 kΩ (model V5X5P)
5
Ω to 33 kΩ (model V15X5P)
33 k
Ω to 80 kΩ (model V15X10P)
Trimming range
(Approximate adjustment capability)
0 to 1.2 x nominal prevalue (V5X5P)*
0 to 1.3 x nominal prevalue (V15X5P)
0 to 1.5 x nominal prevalue (V15X10P)
Note
* The V5X5P chips are being gradually redesigned for a higher trimming factor -
1.3 or more instead of 1.2. For information about the availability of a specific
resistance value, contact the factory.
Resistance tolerance
Option T (trimmed to value at Vishay)*
± 0.01 %; ± 0.02 %; ± 0.05 %; ± 0.1 %; ± 0.25 %; ± 0.5 %; ± 1 %; ± 5 %
Option U (for user trimming to any value within ± 0.005 %)
G.F. = Good for values
Note
* See table 1 for resistance/tolerance limits
Load life stability
0.05 %
ΔR maximum under full rated power for 2000 h at + 70 °C
Power rating
(at + 70 °C ambient temperature), (see figure 3)
V5X5P: 0.05 W (22 V maximum)
V15X5P: 0.1 W (54 V maximum)
V15X10P: 0.15 W (100 V maximum)
High frequency operation
Rise time
Inductance
Capacitance
1 ns without ringing
0.1 µH maximum; 0.08 µH typical
1.0 pF maximum; 0.5 pF typical
Current noise
< 0.010 µV(rms)/V of applied voltage
Voltage coefficient
< - 40 dB
Working voltage
22 V (model V5X5P)
54 V (model V15X5P)
100 V (model V15X10P)


Similar Part No. - Y4044759R000C1W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
Y4063-1.0KBCT VISHAY-Y4063-1.0KBCT Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
Y4063-1.0KBDKR VISHAY-Y4063-1.0KBDKR Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results

Similar Description - Y4044759R000C1W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com