Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1415465C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 1415465C
Description  Bobbin Type Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

1415465C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  1415465C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 1415465C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_1400C_B01 Page 1 of 2
1400 Series
Bobbin Type Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
n
RoHS compliant
n
Radial format
n
-40°C to 85°C operating temperature
n
Up to 13A IDC
n
10μH to 22mH
n
Low DC resistance
n
Fully tinned leads
n
PCB mounting hole
n
Low temperature dependence
n
Backward compatible with
Sn/Pb soldering systems
n
Custom parts available
DESCRIPTION
The 1400 Series is suitable for many power
supply and other general purpose filtering
applications. The use of a non-magnetic screw
will ensure mechanical stability.
SELECTION GUIDE
Order Code
Inductance,
(1kHz, 0.1VAC)
DC
Current1
DC
Resistance
Q at f kHz
SRF
Mechanical Dimensions Footprint
±10%
Max.
Max.
Nom.
Nom.
a
b
c
d
Ø
e
f
Ø
g
μH
A
Q
f
MHz
mm
mm
1410313C
10
13
0.007
54
50
20.7
27.0 24.4 14.0 1.30 4.5 23.9 2.6
1415312C
15
12
0.009
42
50
12.7
27.0 24.4 14.0 1.30 4.5 23.9 2.6
1422311C
22
11
0.011
64
100
9.3
27.0 24.4 14.0 1.30 4.5 23.9 2.6
1433393C
33
9.3
0.015
27
50
9.1
27.0 24.4 14.0 1.30 4.5 23.9 2.6
1447383C
47
8.3
0.019
40
100
6.0
27.0 24.4 18.5 1.30 4.5 23.9 2.6
1447385C
47
8.5
0.021
33
100
6.7
26.8 24.4 14.0 1.20 4.5 23.8 2.4
1468362C
68
6.2
0.032
32
100
5.3
26.5 24.4 14.0 1.08 4.5 23.7 2.1
1468373C
68
7.3
0.022
45
100
5.3
27.0 24.4 18.5 1.30 4.5 23.9 2.6
1410454C
100
5.4
0.042
24
100
4.6
26.4 24.4 14.0 1.02 4.5 23.6 2.0
1410460C
100
6.0
0.033
37
100
3.9
26.8 24.4 18.5 1.20 4.5 23.8 2.4
1410478C
100
7.8
0.040
34
50
3.3
32.4 29.8 21.8 1.30 5.1 29.3 2.6
1415440C
150
4.0
0.069
24
50
3.4
26.2 24.4 14.0 0.90 4.5 23.5 1.8
1415449C
150
4.9
0.051
34
50
2.9
26.4 24.4 18.5 1.02 4.5 23.6 2.0
1415465C
150
6.5
0.042
46
100
2.4
32.2 29.8 21.8 1.20 5.1 29.2 2.4
1422435C
220
3.5
0.096
22
50
2.8
26.1 24.4 14.0 0.85 4.5 23.5 1.7
1422441C
220
4.1
0.073
33
100
2.3
26.3 24.4 18.5 0.97 4.5 23.6 1.9
1422455C
220
5.5
0.062
30
50
2.2
32.1 29.8 21.8 1.14 5.1 29.1 2.2
1430430C
300
3.0
0.140
26
50
2.6
25.9 24.4 14.0 0.75 4.5 23.4 1.5
1430433C
300
3.3
0.100
37
50
2.2
26.2 24.4 18.5 0.90 4.5 23.5 1.8
1430450C
300
5.0
0.080
28
50
1.7
31.8 29.8 21.8 1.02 5.1 29.0 2.0
1433428C
330
2.8
0.150
22
50
2.5
25.9 24.4 14.0 0.76 4.5 23.4 1.5
1433433C
330
3.3
0.107
29
50
2.0
26.2 24.4 18.5 0.90 4.5 23.5 1.8
1433445C
330
4.5
0.091
25
50
1.6
31.8 29.8 21.8 1.02 5.1 29.0 2.0
1447423C
470
2.3
0.222
34
50
2.0
25.7 24.4 14.0 0.67 4.5 23.3 1.3
1447427C
470
2.7
0.149
25
50
1.6
26.1 24.4 18.5 0.85 4.5 23.5 1.7
1447440C
470
4.0
0.125
24
50
1.4
31.7 29.8 21.8 0.97 5.1 29.0 1.9
1468420C
680
2.0
0.276
23
50
1.6
25.7 24.4 14.0 0.67 4.5 23.3 1.3
1468422C
680
2.2
0.226
28
50
1.3
25.9 24.4 18.5 0.75 4.5 23.4 1.5
1468431C
680
3.1
0.173
60
10
1.0
31.6 29.8 21.8 0.90 5.1 28.9 1.8
1410516C
1.0mH
1.6
0.419
30
50
1.4
25.6 24.4 14.0 0.60 4.5 23.2 1.2
1410517C
1.0mH
1.7
0.336
35
50
1.2
25.7 24.4 18.5 0.67 4.5 23.3 1.3
1410524C
1.0mH
2.4
0.277
33
50
1.0
31.4 29.8 21.8 0.79 5.1 28.8 1.5
1415513C
1.5mH
1.3
0.630
34
50
1.0
25.5 24.4 14.0 0.54 4.5 23.1 1.0
1415514C
1.5mH
1.4
0.518
47
50
0.8
25.6 24.4 18.5 0.60 4.5 23.2 1.2
1415517C
1.5mH
1.7
0.374
28
50
0.7
31.3 29.8 21.8 0.75 5.1 28.8 1.5
1422509C
2.2mH
0.9
0.916
43
50
0.9
25.3 24.4 14.0 0.48 4.5 23.1 0.9
1422512C
2.2mH
1.2
0.649
33
50
0.7
25.6 24.4 18.5 0.60 4.5 23.2 1.2
1422514C
2.2mH
1.4
0.622
33
50
0.6
31.1 29.8 21.8 0.67 5.1 28.7 1.3
1433507C
3.3mH
0.7
1.428
45
50
0.8
25.2 24.4 14.0 0.43 4.5 23.0 0.8
1433510C
3.3mH
1.0
1.992
20
50
0.7
25.5 24.4 18.5 0.54 4.5 23.1 1.0
1433512C
3.3mH
1.2
0.861
20
50
0.5
31.0 29.8 21.8 0.60 5.1 28.6 1.2
1447506C
4.7mH
0.6
2.200
60
50
0.6
25.2 24.4 14.0 0.39 4.5 23.0 0.7
1447508C
4.7mH
0.8
1.436
65
50
0.5
25.3 24.4 18.5 0.48 4.5 23.1 0.9
1447509C
4.7mH
0.9
1.250
57
10
0.5
30.9 29.8 21.8 0.54 5.1 28.5 1.0
1468505C
6.8mH
0.5
2.810
50
50
0.5
25.2 24.4 14.0 0.39 4.5 23.0 0.7
1468507C
6.8mH
0.7
2.214
47
50
0.4
25.2 24.4 18.5 0.43 4.5 23.0 0.8
1468508C
6.8mH
0.8
1.884
30
50
0.4
30.7 29.8 21.8 0.48 5.1 28.5 0.9
1410604C
10mH
0.4
4.340
51
50
0.4
25.1 24.4 14.0 0.34 4.5 22.9 0.6
1410605C
10mH
0.5
3.394
48
50
0.3
25.2 24.4 18.5 0.39 4.5 23.0 0.7
1410606C
10mH
0.6
2.294
48
50
0.2
30.9 29.8 21.8 0.54 5.1 28.5 1.0
1415604C
15mH
0.4
4.912
61
10
0.2
25.1 24.4 18.5 0.34 4.5 22.9 0.6
1415605C
15mH
0.5
3.740
55
10
0.2
30.6 29.8 21.8 0.43 5.1 28.4 0.8
1422604C
22mH
0.4
6.962
30
50
0.2
30.5 29.8 21.8 0.34 5.1 28.3 0.6
1 Maximum DC current occurs when either the inductance falls to 60% of its nominal value or when its temperature rise reaches 50°C,
whichever is sooner.


Similar Part No. - 1415465C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1415465C MURATA-1415465C Datasheet
110Kb / 2P
   Bobbin Type Inductors
logo
Murata Power Solutions ...
1415465C MURATA-PS-1415465C Datasheet
340Kb / 2P
   Bobbin Type Inductors
More results

Similar Description - 1415465C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1400 MURATA-KMP_1400 Datasheet
110Kb / 2P
   Bobbin Type Inductors
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
   Bobbin Type Inductors
logo
Murata Power Solutions ...
1410313C MURATA-PS-1410313C Datasheet
340Kb / 2P
   Bobbin Type Inductors
logo
Datatronic Distribution...
PT12110 DATATRONICS-PT12110 Datasheet
49Kb / 1P
   Bobbin Type Fixed Inductors
logo
Allied Components Inter...
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com