Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U673D228F050HP1C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # U673D228F050HP1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D228F050HP1C Datasheet(HTML) 1 Page - Vishay Siliconix

  U673D228F050HP1C Datasheet HTML 1Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 2Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 3Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 4Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 5Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 6Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 7Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 8Page - Vishay Siliconix U673D228F050HP1C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
U673D and U674D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42057
432
Revision: 16-Jul-08
FEATURES
• Wide temperature range
• Radial design in two and three lead configuration
• Ideal SMPS output filter
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.75" x 1.125" [1.905 x 28.575]
to 1.0" x 3.625" [25.4 x 92.075]
Operating temperature
- 55 °C to + 105 °C
Rated capacitance range,
CR
22 µF to 27 000 µF
Tolerance on CR
- 10 %, + 50 %
Rated voltage range, UR
6.3 WVDC to 250 WVDC
Termination
radial leads
Life validation test
at + 105 °C
2000 h:
ΔCAP ≤ 15 % from initial
measurement
ΔESR ≤ 1.5 x initial specified limit
ΔDCL ≤ initial specified limit
Shelf life
at + 105 °C
500 h:
ΔCAP ≤ 10 % from initial
measurement
ΔESR ≤ 1.15 x initial specified limit
ΔDCL ≤ 2 x initial specified limit
DC leakage current
at + 25 °C
I = K
K = 0.5
I in µA, C in µF, V in volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
Ambient Temperature
Multipliers
+ 105 °C
0.4
+ 85 °C
1.0
+ 65 °C
1.4
+ 45 °C
1.7
+ 25 °C
2.0
FREQUENCY (Hz)
Rated
WVDC
50 to 60 100 to 120
300 to 400
1000
20 000
0 to 60
61 to 250
0.60
0.43
0.75
0.54
0.80
0.75
0.90
0:85
1.0
1.0
LOW TEMPERATURE PERFORMANCE
CAPACITANCE RATIO C - 55 °C/C + 25 °C MINIMUM AT 120 Hz
Rated Voltage (WVDC)
6.3 to 25
40 to 100
150 to 250
Capacitance Remaining
75 %
80 %
65 %
ESR RATIO ESR - 55 °C/ESR + 25 °C MAXIMUM AT 120 Hz
Rated Voltage (WVDC)
0 to 12
13 to 40
41 to 250
Multipliers
8
10
16
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz)
Nominal Diameter
0.75 [19.0.] 0.875 [22.0] 1.00 [25.0]
Typical ESL (nH)
10
11
13
DIMENSIONS in inches [millimeters]
CASE
CODE
STYLE 1
STYLE 7
OVERALL
LENGTH
LEAD SPACING (1)
S
± 0.015 [0.4]
TYPICAL WEIGHT
oz. (g)
D
± 0.015 [0.4]
L
± 0.062 [1.6]
H
(MAX.)
GE
0.770 [19.6]
1.150 [29.2]
1.246 [31.6]
0.250 [6.4]
0.46 (13)
GJ
0.770 [19.6]
1.650 [41.9]
1.746 [44.3]
0.250 [6.4]
0.67 (19)
GL
0.770 [19.6]
2.150 [54.6]
2.246 [57.0]
0.250 [6.4]
0.74 (21)
GP
0.770 [19.6]
2.650 [67.3]
2.746 [69.7]
0.250 [6.4]
0.88 (25)
GS
0.770 [19.6]
3.150 [80.0]
3.246 [82.4]
0.250 [6.4]
1.16 (33)
GT
0.770 [19.6]
3.650 [92.7]
3.746 [95.1]
0.250 [6.4]
1.34 (38)
HE
0.895 [22.7]
1.150 [29.2]
1.246 [31.6]
0.300 [7.6]
0.63 (18)
HJ
0.895 [22.7]
1.650 [41.9]
1.746 [44.3]
0.300 [7.6]
0.95 (27)
HL
0.895 [22.7]
2.150 [54.6]
2.246 [57.0]
0.300 [7.6]
1.02 (29)
HP
0.895 [22.7]
2.650 [67.3]
2.746 [69.7]
0.300 [7.6]
1.37 (39)


Similar Part No. - U673D228F050HP1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D228F050HP1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com