Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU050-GKLNA-65M0000000 Datasheet(PDF) 10 Page - Vectron International, Inc

Part # TRU050-GKLNA-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GKLNA-65M0000000 Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button TRU050-GKLNA-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 9Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 10Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 11Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 12Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 13Page - Vectron International, Inc TRU050-GKLNA-65M0000000 Datasheet HTML 14Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 10 of 14
Rev: 26Aug2008
The above loop has a 10 Hz bandwidth.
Figure 9. 8kHz to 19.44MHz Frequency Translation
The above loop has a 4.5 kHz bandwidth.
Figure 10. DS3 NRZ Clock Recovery
44.736 Mb/s (Pin 7)
Pin 15
44.736 MHz
Disabled
pin 1
pin 3
pin 2
pin 6
10K
0.01uF 130K
10K, 2.2uF
10K
(Pin 9)
TRU050
pin 4
8 kHz (Pin 7)
pin 15
pin 3
pin 4
pin 1
pin 2
pin 6
20K 0.1uF 20K 2.2uF 600K 20K 0.1uF
10K , 2.2uF
10K
÷ 1215
16kHz (Pin 9)
TRU050
19.440MHz


Similar Part No. - TRU050-GKLNA-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GKLCA ETC-TRU050-GKLCA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GKLFA ETC-TRU050-GKLFA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GKLGA ETC-TRU050-GKLGA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GKLHA ETC-TRU050-GKLHA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GKLNA-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com