Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805AU100FA4A Datasheet(PDF) 6 Page - AVX Corporation

Part # 0805AU100FA4A
Description  RF/Microwave C0G (NP0) Capacitors (RoHS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805AU100FA4A Datasheet(HTML) 6 Page - AVX Corporation

  0805AU100FA4A Datasheet HTML 1Page - AVX Corporation 0805AU100FA4A Datasheet HTML 2Page - AVX Corporation 0805AU100FA4A Datasheet HTML 3Page - AVX Corporation 0805AU100FA4A Datasheet HTML 4Page - AVX Corporation 0805AU100FA4A Datasheet HTML 5Page - AVX Corporation 0805AU100FA4A Datasheet HTML 6Page - AVX Corporation 0805AU100FA4A Datasheet HTML 7Page - AVX Corporation 0805AU100FA4A Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
131
7
TYPICAL
SERIES RESONANT FREQUENCY
“U” SERIES CHIP
1210
0805
0603
0402
10
1.0
0.1
1.0
10
100
1000
Capacitance (pF)
RF/Microwave C0G (NP0)
Capacitors (Sn/Pb)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors


Similar Part No. - 0805AU100FA4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805A100JA11A AVX-0805A100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805A100JA13A AVX-0805A100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805A100JA19A AVX-0805A100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805A100JAT1A AVX-0805A100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
0805A100JAT3A AVX-0805A100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 0805AU100FA4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU01 AVX-CU01 Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12105U471JAT2A AVX-12105U471JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
   RF Microwave C0G (NP0) Capacitors (RoHS)
08051U100JAT2A AVX-08051U100JAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com