Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402WGF3001TCE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 0402WGF3001TCE
Description  Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402WGF3001TCE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  0402WGF3001TCE Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 2Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 3Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 4Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 5Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 6Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 7Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 8Page - List of Unclassifed Manufacturers 0402WGF3001TCE Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8
29/08/07 V1.1
Thick Film Chip Resistors
Multiplier Code (for 0402 1% Marking)
Standard E-96 Series Resistance Value Code (for 0402 1% Marking)
Value
Code
Value
Code
Value
Code
Value
Code
Value
Code
100
01
162
21
261
41
422
61
681
81
102
02
165
22
267
42
432
62
698
82
105
03
169
23
274
43
442
63
715
83
107
04
174
24
280
44
453
64
732
84
110
05
178
25
287
45
464
65
750
85
113
06
182
26
294
46
475
66
768
86
115
07
187
27
301
47
487
67
787
87
118
08
191
28
309
48
499
68
806
88
121
09
196
29
316
49
511
69
825
89
124
10
200
30
324
50
523
70
845
90
127
11
205
31
332
51
536
71
866
91
130
12
210
32
340
52
549
72
887
92
133
13
215
33
348
53
562
73
909
93
137
14
221
34
357
54
576
74
931
94
140
15
226
35
365
55
590
75
953
95
143
16
232
36
374
56
604
76
976
96
147
17
237
37
383
57
619
77
-
-
150
18
243
38
392
58
634
78
-
-
154
19
249
39
402
59
649
79
-
-
158
20
255
40
412
60
665
80
-
-
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
10 0
10 1
10 2
10 3
10 4
10 5
10 6
10 7
10 -1
10 -2
10 -3
Stocked Values
Tolerance
Wattage
Preferred Value Range
Range Value
1%
0.06W
E96
0R - 1M
1%
0.1W
E24
0R - 1M
1%
0.125W
E24
0R - 1M


Similar Part No. - 0402WGF3001TCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF012JB1E ETC2-0402WGF012JB1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JBDE ETC2-0402WGF012JBDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JC1E ETC2-0402WGF012JC1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JCDE ETC2-0402WGF012JCDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JT1E ETC2-0402WGF012JT1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - 0402WGF3001TCE

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com