Electronic Components Datasheet Search |
|
Y1508100K500BM0R Datasheet(PDF) 3 Page - Vishay Siliconix |
|
Y1508100K500BM0R Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page Document Number: 63007 For any questions, contact: foil@vishay.com www.vishay.com Revision: 03-Sep-08 3 Military and Space Established Reliability Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9 Vishay Foil Resistors Note • S555 and Z555 units are manufactured on the same production line facilities and are subjected to all the same process and lot control requirements imposed on RNC90Y (Z) version, as well as all of the special screening, environmental conditioning and documentation stipulations outlined in MIL-PRF 55182/9 Note * For non-standard requests, please contact application engineering. TABLE 2 - MODEL SELECTION MODEL NUMBER RESISTANCE RANGE ( Ω) STANDARD RESISTANCE TOLERANCE FAILURE RATE AMBIENT POWER RATING AVERAGE WEIGHT (g) DIMENSIONS TIGHTEST % LOOSEST % at + 70 °C at + 125 ° C INCHES mm RNC90Y 30.1 to 121K ± 0.005 ± 1.0 M, P, R (See Table 3) 0.6 W 0.3 W 0.6 W: 0.105 ± 0.010 L: 0.300 ± 0.010 H: 0.326 ± 0.010 ST: 0.015 ± 0.005 SW: 0.040 ± 0.005 LL: 1.000 ± 0.125 LS: 0.150 ± 0.005 2.67 ± 0.25 7.62 ± 0.25 8.28 ± 0.25 0.38 ± 0.13 1.02 ± 0.13 25.4 ± 3.18 3.81 ± 0.13 16.2 to 30.0 ± 0.05 ± 1.0 4.99 to 16.0 ± 0.1 ± 1.0 RNC90Z 30.1 to 121K ± 0.005 ± 1.0 0.6 W 0.3 W 0.6 S555 (NON QPL) 30.1 to 121K ± 0.005 ± 1.0 - 0.6 W 0.3 W 0.6 20 to < 30.1 ± 0.01 ± 1.0 5 to < 20 ± 0.05 ± 1.0 2 to < 5 ± 0.1 ± 1.0 1 to < 2 ± 0.5 ± 1.0 > 121K to 150K ± 0.005 ± 1.0 - 0.4 W 0.2 W 0.6 Z555 (NON QPL) 30.1 to 121K ± 0.005 ± 1.0 - 0.6 W 0.3 W 0.6 20 to < 30.1 ± 0.01 ± 1.0 4.99 to < 20R ± 0.05 ± 1.0 TABLE 3 - GLOBAL PART NUMBER INFORMATION NEW GLOBAL PART NUMBER: Y1189100R500AR0L (preferred part number format) DENOTES PRECISION VALUE LIFE FAILURE RATE (LFR) AER* YR = Ω K = k Ω R = ± 0.01 % P = ± 0.1 % M = ± 1.0 % 0 = standard 1 - 999 = custom PRODUCT CODE RESISTANCE TOLERANCE PACKAGING 1189 = RNC90Z 0089 = RNC90Y 1508 = RNC90T 1506 = RNC90S 0088 = S555 1288 = Z555 V = ± 0.005 % T = ± 0.01 % A = ± 0.05 % B = ± 0.1 % D = ± 0.5 % F = ± 1.0 % L = bulk pack R = tape and reel FOR EXAMPLE: ABOVE GLOBAL ORDER Y1189 100R500 A R 0 L: TYPE: RNC90Z VALUE: 100.5 Ω ABSOLUTE TOLERANCE: ± 0.05 % LIFE FAILURE RATE (LFR): ± 0.01 % AER: standard PACKAGING: bulk pack HISTORICAL PART NUMBER: RNC90Z 100R50 A R B (will continue to be used) RNC90Z 100R50 A R B MODEL OHMIC VALUE RESISTANCE TOLERANCE LIFE FAILURE RATE (LFR) PACKAGING RNC90Z RNC90S RNC90Y RNC90T S555 Z555 100.5 Ω V = ± 0.005 % T = ± 0.01 % A = ± 0.05 % B = ± 0.1 % D = ± 0.5 % F = ± 1.0 % R = ± 0.01 % P = ± 0.1 % M = ± 1.0 % B = bulk pack 1 891 0 R 5 0 Y1 AR 0 0 0 L |
Similar Part No. - Y1508100K500BM0R |
|
Similar Description - Y1508100K500BM0R |