Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50K6A1C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 50K6A1C
Description  Fast time response (1 second typical in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

50K6A1C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  50K6A1C Datasheet HTML 1Page - List of Unclassifed Manufacturers 50K6A1C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number
25°C (Ohms)
Tol. @ 25°C
@ 25°C
Beta Value
2.2K3A1A
Brown
2252
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.39 %/°C
3892
3
2.2K3A1B
Brown
2252
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.39 %/°C
3892
3
2.2K3A1C
Brown
2252
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.39 %/°C
3892
3
2.2K3A1D
Brown
2252
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.39 %/°C
3892
3
3K3A1A
Red
3000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.39 %/°C
3892
3
3K3A1B
Red
3000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.39 %/°C
3892
3
3K3A1C
Red
3000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.39 %/°C
3892
3
3K3A1D
Red
3000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.39 %/°C
3892
3
5K3A1A
Orange
5000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.39 %/°C
3892
3
5K3A1B
Orange
5000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.39 %/°C
3892
3
5K3A1C
Orange
5000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.39 %/°C
3892
3
5K3A1D
Orange
5000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.39 %/°C
3892
3
10K3A1A
Yellow
10000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.39 %/°C
3892
3
10K3A1B
Yellow
10000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.39 %/°C
3892
3
10K3A1C
Yellow
10000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.39 %/°C
3892
3
10K3A1D
Yellow
10000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.39 %/°C
3892
3
10K4A1A
Black
10000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.04 %/°C
3575
4
10K4A1B
Black
10000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.04 %/°C
3575
4
10K4A1C
Black
10000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.04 %/°C
3575
4
10K4A1D
Black
10000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.04 %/°C
3575
4
30K5A1A
White
30000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.30 %/°C
3811
5
30K5A1B
White
30000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.30 %/°C
3811
5
30K5A1C
White
30000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.30 %/°C
3811
5
30K5A1D
White
30000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.30 %/°C
3811
5
30K6A1A
Green
30000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.68 %/°C
4143
6
30K6A1B
Green
30000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.68 %/°C
4143
6
30K6A1C
Green
30000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.68 %/°C
4143
6
30K6A1D
Green
30000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.68 %/°C
4143
6
50K6A1A
Blue
50000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.68 %/°C
4143
6
50K6A1B
Blue
50000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.68 %/°C
4143
6
50K6A1C
Blue
50000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.68 %/°C
4143
6
50K6A1D
Blue
50000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.68 %/°C
4143
6
100K6A1A
Violet
100000
± 0.25%
± 0.1 °C (0 to 70 °C)
−4.68 %/°C
4143
6
100K6A1B
Violet
100000
± 0.50%
± 0.2 °C (0 to 70 °C)
−4.68 %/°C
4143
6
100K6A1C
Violet
100000
± 1.00%
± 0.5 °C (0 to 70 °C)
−4.68 %/°C
4143
6
100K6A1D
Violet
100000
± 2.00%
± 1.0 °C (0 to 70 °C)
−4.68 %/°C
4143
6
For details on the minimum order quantity (MOQ) of this product, please contact BetaTHERM or your local BetaTHERM representative.
Sales: sales@betatherm.com
Tel: +353 91 753238/753612
Fax: +353 91 770789/753615
Sales: sales@betatherm−usa.com
Tel: 508 842 0516
Fax: 508 842 0748


Similar Part No. - 50K6A1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50K6A1C ETC2-50K6A1C Datasheet
60Kb / 2P
   Series 1 BetaCurve Bare leaded Thermistors
More results

Similar Description - 50K6A1C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
Shanghai Leiditech Elec...
3R-5 LEIDITECH-3R-5 Datasheet
1Mb / 4P
   Extremely fast response time
logo
Shanghai Semitech Semic...
1.5KE SEMITECH-1.5KE Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com