Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU050-GKCGA-65M0000000 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TRU050-GKCGA-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GKCGA-65M0000000 Datasheet(HTML) 5 Page - Vectron International, Inc

  TRU050-GKCGA-65M0000000 Datasheet HTML 1Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 2Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 3Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 4Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GKCGA-65M0000000 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 5 of 14
Rev: 26Aug2008
VDD
0V
0
−π
Relative
Phase (
θ
e)
VDD/2
Vd
Gain Slope = VDD/ 2π
Figure 5. Open Loop Phase Detector Transfer Curve
Recovered Clock and Data Alignment Outputs
The TRU050 is designed to recover an imbedded clock from an NRZ data signal and retime it with a data
pattern. In this application, the VCXO frequency is exactly the same frequency as the NRZ data rate and the
outputs are taken off Pin 11, RCLK, and Pin 12, RDATA. Under locked conditions, the falling edge of RCLK is
centered in the RDATA pattern. Also, there is a 1.5 clock cyle delay between DATAIN and RDATA. Figure 6
shows the relationship between the DATAIN, CLKIN, RDATA and RCLK.
Figure 6. Clock and Data Timing Relationships for the NRZ data
Other RZ encoding schemes such as Manchester or AMI can be accomidated by using a TRU050 at twice
the baud rate.
Loss of Signal, LOS and LOSIN
The LOS circuit provides an output alarm flag when the DATAIN input signal is lost. The LOS output is
normally a logic low and is set to a logic high after 256 consecutive clock periods on CLKIN with no detected
DATAIN transitions. This signal can be used to either flag external alarm circuits and/or drive the TRU050’s
LOSIN input. When LOSIN is set to a logic high, the VCXO control voltage (pin 1) is switched to an internal
voltage which centers OUT1 and OUT2 to center frequency +/-75ppm. Also, LOS automatically closes the op
amp feedback which means the op-amp is a unity gain buffer and will produce a DC voltage equal to the +op
amp voltage (pin 4), usually VDD/2.
Clock In
Data In
Recovered
Data
Recovered Clock
Data1
Data1


Similar Part No. - TRU050-GKCGA-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GKCGA ETC-TRU050-GKCGA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GKCGA-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com