Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVR01RHE12S701 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LVR01RHE12S701
Description  Wirewound Resistors, Precision Power, Low Value, Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LVR01RHE12S701 Datasheet(HTML) 2 Page - Vishay Siliconix

  LVR01RHE12S701 Datasheet HTML 1Page - Vishay Siliconix LVR01RHE12S701 Datasheet HTML 2Page - Vishay Siliconix LVR01RHE12S701 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LVR
Wirewound Resistors, Precision Power, Low Value,
Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
Vishay Dale
Document Number: 30206
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 29-Feb-08
153
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown
MATERIAL SPECIFICATIONS
Element: Self-supporting nickel-chrome alloy
(LVR10 also utilizes manganin)
Encapsulation: High temperature mold compound
Terminals: Tinned copper
Part Marking: DALE, model, wattage, value, tolerance,
date code
The improved TCR characteristics of these LVR models from
- 55 °C to + 125 °C (reference to + 25 °C) are as follows:
1.50 [38.10]
(1)
minimum
A
C
B
MODEL
DIMENSIONS in inches [millimeters]
A
± 0.010 [0.254]
B
± 0.010 [0.254]
C
± 0.002 [0.051]
LVR01
0.427 [10.85]
0.115 [2.92]
0.020 [0.508]
LVR03
0.560 [14.22]
0.205 [5.21]
0.032 [0.813]
LVR05
0.925 [23.50]
0.330 [8.38]
0.040 [1.02]
LVR10
1.828 [46.43]
0.392 [9.96]
0.040 [1.02]
12
3
4
5
6
7
8
910
250
200
150
100
50
POWER IN W
LVR03
LVR01
Surface Temperature vs Power
LVR05
LVR10
20
40
60
80
100
RESISTANCE (
Ω x 10-3)
LVR05
400
300
200
100
LVR03
LVR01
TCR vs. Resistance Value
LVR10
- 65
- 25
25
75
125
175
225
275
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
LVR01
LVR03
LVR05
LVR10
Derating
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 65 °C to + 125 °C, 5 cycles, 15 min at each extrem
± (0.2 % + 0.0005
Ω) ΔR
Short Time Overload
5 x rated power (LVR01, 03, 05), 10 x rated power (LVR10) for 5 s
± (0.5 % + 0.0005
Ω) ΔR
Low Temperature Storage
- 65 °C for 24 h
± (0.2 % + 0.0005
Ω) ΔR
High Temperature Exposure
250 h at + 275 °C (+ 175 °C for LVR01)
± (2.0 % + 0.0005
Ω) ΔR
Dielectric Withstanding Voltage
1000 Vrms, 1 min
± (0.1 % + 0.0005
Ω) ΔR
Insulation Resistance
MIL-STD-202 Method 302, 100 V
1000 M
Ω minimum
Moisture Resistance
MIL-STD-202 Method 106, 100 7b not applicable
± (0.2 % + 0.0005
Ω) ΔR
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g's for 6 ms, 10 shocks
± (0.1 % + 0.0005
Ω) ΔR
Vibration, High Frequency
Frequency varied 10 to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.1 % + 0.0005
Ω) ΔR
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (2.0 % + 0.0005
Ω) ΔR
Solderability
ANSI J-STD-002
95 % coverage
Bias Humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (1.0 % + 0.0005
Ω) ΔR


Similar Part No. - LVR01RHE12S701

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR012 MACOM-LVR012 Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR012 MACOM-LVR012 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
LVR012 MACOM-LVR012 Datasheet
219Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR012K MACOM-LVR012K Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR012K MACOM-LVR012K Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - LVR01RHE12S701

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LVR VISHAY-LVR_15 Datasheet
104Kb / 3P
   Wirewound Resistors, Precision Power, Low Value, Commercial, Axial Lead
Revision: 19-Oct-15
CPL VISHAY-CPL Datasheet
108Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead, Low Value
Revision: 10-May-11
M49465 VISHAY-M49465 Datasheet
109Kb / 3P
   Wirewound Resistors, Precision Power, Low Value, Military,
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
RWR81S10R0FS VISHAY-RWR81S10R0FS Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR71S1002FR VISHAY-RWR71S1002FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR89SR100FRB12 VISHAY-RWR89SR100FRB12 Datasheet
165Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 11-Jul-13
RWR81NR100FR VISHAY-RWR81NR100FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR VISHAY-RWR Datasheet
169Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
Revision: 14-Jul-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com