Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCLNLD-44.736 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VCLNLD-44.736
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCLNLD-44.736 Datasheet(HTML) 2 Page - Vectron International, Inc

  VCLNLD-44.736 Datasheet HTML 1Page - Vectron International, Inc VCLNLD-44.736 Datasheet HTML 2Page - Vectron International, Inc VCLNLD-44.736 Datasheet HTML 3Page - Vectron International, Inc VCLNLD-44.736 Datasheet HTML 4Page - Vectron International, Inc VCLNLD-44.736 Datasheet HTML 5Page - Vectron International, Inc VCLNLD-44.736 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V-Type Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Road, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
1.024
80.000
MHz
Supply Voltage
1
(+3.3 V)
(+5.0 V)
VDD
2.97
4.5
3.3
5.0
3.63
5.5
V
Supply Current
IDD
12
25
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
0.9*VDD
0.1VDD
V
V
Transition Times
Rise Time
2
Fall Time
2
tR
tF
1
1
3
3
ns
ns
Tristate
Output Enabled
Output Disabled
VIN
VIL
2.5
0.7
V
V
Duty Cycle
3
(ordering option)
SYM
40/60 or 45/55
%
Operating temperature (ordering option)
0/70 or –40/85
°C
Test Conditions for APR (+5V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)
VC
0.3
3.0
V
Absolute Pull Range (ordering option)
APR
±50
±70
±80
±100
ppm
Gain Transfer (See Figure 3)
Positive
ppm/V
Control Voltage Leakage Current
IVCXO
±1
uA
Control Voltage Bandwidth (-3dB)
BW
10
kHz
Phase Noise
10 Hz Offset
100 Hz Offset
1 KHz Offset
10 KHz Offset
100 KHz Offset
1 MHz Offset
-55
-85
-115
-142
-148
-151
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Package Size
7.49 x 5.08 x 1.8
mm
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five gate TTL load and operating conditions under which
these parameters are tested and specified.
3. Symmetry is defined as (ON TIME/PERIOD with Vs= 1.4 V for TTL and Vs=2.5 V for CMOS, 5 volt operation, and Vs=1.65V
for 3.3 Volt operation.
Figure 1. Output Waveform
Figure 2. Typical Output Test Conditions (25
±5°C)
80
%
Vs
20
%
t
F
t
R
Period
On Time
+
-
+
-
I
C
V
C
4
3
.1
µF
.01
µF
15pF
25
6
1
I
DD
650
V
DD
1.8k


Similar Part No. - VCLNLD-44.736

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
VCLAMP05 FUTUREWAFER-VCLAMP05 Datasheet
1Mb / 5P
   Quad Bi-Directional Transient Suppressor For ESD array
logo
STANLEY ELECTRIC CO.,LT...
VCLB1104LS STANLEY-VCLB1104LS Datasheet
281Kb / 16P
   Single Color PLCC-2 Type (High Reliability type, V-Series)
logo
AVX Corporation
VCLD120618A400RB AVX-VCLD120618A400RB Datasheet
90Kb / 2P
   SnPb Termination Multilayer Varistors
More results

Similar Description - VCLNLD-44.736

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com