Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0106120K500Q Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y0106120K500Q
Description  Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0106120K500Q Datasheet(HTML) 2 Page - Vishay Siliconix

  Y0106120K500Q Datasheet HTML 1Page - Vishay Siliconix Y0106120K500Q Datasheet HTML 2Page - Vishay Siliconix Y0106120K500Q Datasheet HTML 3Page - Vishay Siliconix Y0106120K500Q Datasheet HTML 4Page - Vishay Siliconix Y0106120K500Q Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H Series
Vishay Foil Resistors
Hermetically Sealed High Precision Bulk Metal® Foil
Technology Resistors with TCR of ± 2 ppm/°C, Tolerance
of ± 0.001 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63006
2
Revision: 14-Nov-07
Notes
* Available in a 4-lead terminal
** 0.375 H available
See next page for numbered footnotes
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Note: Foil shown in black, etched spaces in white
Current Path
After Trimming
Interloop Capacitance
Reduction in Series
FIGURE 3 - FOIL RESISTOR TYPICAL
TCR CURVE
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
- 55
2 ppm/°C
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
(ppm)
ΔR
R
Temperature (°C)
C Alloy 2 ppm/°C
TABLE 2 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
STANDARD RESISTANCE
TOLERANCE
MAXIMUM
WORKING
VOLTAGE2)
POWER
RATING
at + 25 °C
AVERAGE
WEIGHT
(g)
CONSTRUCTION
BRIEF
DIMENSIONS3)
TIGHTEST
(
Ω)
LOOSEST
(%)
INCHES
mm
VHP202
5 to 100K
> 100K to 150K
1K to
1)
500 to < 1K
50 to < 500
30 to < 50
20 to < 30
10 to < 20
5 to < 10
± 0.001 ± 0.1
± 0.0025 ± 0.1
± 0.005 ± 0.1
± 0.01 ± 0.1
± 0.02 ± 0.1
± 0.05 ± 0.1
± 0.1 ± 0.1
300
0.3 W
0.2 W
1.4
Oil-filled, tinned
copper leads, nickel
shell, kovar and
glass header
W: 0.185 ± 0.020
L: 0.435 ± 0.020
H: 0.430 ± 0.020**
LL: 1.000 ± 0.125
LS: 0.150 ± 0.0104)
ST: 0.095 max.
4.70 ± 0.51
11.05 ± 0.51
10.92 ± 0.51
25.4 ± 3.18
3.81 ± 0.25
2.41 max.
VHA412
5 to 100K
> 100K to 150K
250
0.3 W
0.2 W
4.6
Oil-filled,
tinned copper leads,
tinned brass shell,
kovar and
glass end bells
L: 0.625 ± 0.031
D: 0.375 ± 0.031
LL: 1.000 min.
15.88 ± 0.79
9.53 ± 0.79
25.4 min.
VHA414
5 to 200K
> 200K to 335K
350
0.5 W
0.3 W
7.3
L: 1.000 ± 0.031
D: 0.375 ± 0.031
LL: 1.000 min.
25.4 ± 0.79
9.53 ± 0.79
25.4 min.
VHA512*
5 to 300K
> 300K to 500K
350
0.75 W
0.4 W
6.3
L: 0.625 ± 0.031
D: 0.500 ± 0.031
LL: 1.000 min.
15.88 ± 0.79
12.7 ± 0.79
25.4 min.
VHA516-4*
VHA516-5*
VHA516-6*
5 to 400K
> 400K to 668K
5 to 500K
> 500K to 835K
5 to 600K
> 600K to 1M
500
1.0 W
0.5 W
1.25 W
0.6 W
1.5 W
0.7 W
9.2
L: 1.000 ± 0.031
D: 0.500 ± 0.031
LL: 1.000 min.
25.4 ± 0.79
12.7 ± 0.79
25.4 min.
VHA518-7*
VHA518-8*
VHA518-9*
VHA518-10*
VHA518-11*
5 to 700K
> 700K to 1M17
5 to 800K
> 800K to 1M34
5 to 900K
> 900K to 1M5
5 to 1.0M
> 1.0M to 1M67
5 to 1.0M
> 1.0M to 1M84
600
1.75 W
0.8 W
2.0 W
0.9 W
2.25 W
1.0 W
2.5 W
1.1 W
2.5 W
1.2 W
13.5
L: 1.500 ± 0.031
D: 0.500 ± 0.031
LL: 1.000 min.
38.1 ± 0.79
12.7 ± 0.79
25.4 min.


Similar Part No. - Y0106120K500Q

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
Y01 MITSUMI-Y01 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
More results

Similar Description - Y0106120K500Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com