Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-103-M-20-Y5V-F-5-UAA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # A-103-M-20-Y5V-F-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A-103-M-20-Y5V-F-5-UAA Datasheet(HTML) 3 Page - Vishay Siliconix

  A-103-M-20-Y5V-F-5-UAA Datasheet HTML 1Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 2Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 3Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 4Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 5Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 6Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 7Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 8Page - Vishay Siliconix A-103-M-20-Y5V-F-5-UAA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
22
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
PART NUMBER LISTING
MONO-AXIAL Y5V - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
+ 80/- 20 % TOLERANCE
PACKAGING
10 000
50 Vdc
A103Z15Y5VF5TAA
REEL
10 000
A103Z15Y5VF5UAA
AMMO
15 000
A153Z15Y5VF5TAA
REEL
15 000
A153Z15Y5VF5UAA
AMMO
22 000
A223Z15Y5VF5TAA
REEL
22 000
A223Z15Y5VF5UAA
AMMO
33 000
A333Z15Y5VF5TAA
REEL
33 000
A333Z15Y5VF5UAA
AMMO
47 000
A473Z15Y5VF5TAA
REEL
47 000
A473Z15Y5VF5UAA
AMMO
68 000
A683Z15Y5VF5TAA
REEL
68 000
A683Z15Y5VF5UAA
AMMO
100 000
A104Z15Y5VF5TAA
REEL
100 000
A104Z15Y5VF5UAA
AMMO
150 000
A154Z15Y5VF5TAA
REEL
150 000
A154Z15Y5VF5UAA
AMMO
220 000
A224Z15Y5VF5TAA
REEL
220 000
A224Z15Y5VF5UAA
AMMO
330 000
A334Z15Y5VF5TAA
REEL
330 000
A334Z15Y5VF5UAA
AMMO
470 000
A474Z20Y5VF5TAA
REEL
470 000
A474Z20Y5VF5UAA
AMMO
680 000
A684Z20Y5VF5TAA
REEL
680 000
A684Z20Y5VF5UAA
AMMO
1 000 000
A105Z20Y5VF5TAA
REEL
1 000 000
A105Z20Y5VF5UAA
AMMO
MONO-AXIAL X7R - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
100
50 Vdc
A101K15X7RF5TAA
A101M15X7RF5TAA
REEL
100
A101K15X7RF5UAA
A101M15X7RF5UAA
AMMO
120
A121K15X7RF5TAA
A121M15X7RF5TAA
REEL
120
A121K15X7RF5UAA
A121M15X7RF5UAA
AMMO
150
A151K15X7RF5TAA
A151M15X7RF5TAA
REEL
150
A151K15X7RF5UAA
A151M15X7RF5UAA
AMMO
180
A181K15X7RF5TAA
A181M15X7RF5TAA
REEL
180
A181K15X7RF5UAA
A181M15X7RF5UAA
AMMO
220
A221K15X7RF5TAA
A221M15X7RF5TAA
REEL
220
A221K15X7RF5UAA
A221M15X7RF5UAA
AMMO
270
A271K15X7RF5TAA
A271M15X7RF5TAA
REEL
270
A271K15X7RF5UAA
A271M15X7RF5UAA
AMMO
330
A331K15X7RF5TAA
A331M15X7RF5TAA
REEL
330
A331K15X7RF5UAA
A331M15X7RF5UAA
AMMO
390
A391K15X7RF5TAA
A391M15X7RF5TAA
REEL
390
A391K15X7RF5UAA
A391M15X7RF5UAA
AMMO
470
A471K15X7RF5TAA
A471M15X7RF5TAA
REEL
470
A471K15X7RF5UAA
A471M15X7RF5UAA
AMMO
560
A561K15X7RF5TAA
A561M15X7RF5TAA
REEL
560
A561K15X7RF5UAA
A561M15X7RF5UAA
AMMO
680
A681K15X7RF5TAA
A681M15X7RF5TAA
REEL
680
A681K15X7RF5UAA
A681M15X7RF5UAA
AMMO


Similar Part No. - A-103-M-20-Y5V-F-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A-103-M-20-C0G-K-5-TAA VISHAY-A-103-M-20-C0G-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-M-20-C0G-K-5-UAA VISHAY-A-103-M-20-C0G-K-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-M-20-C0G-L-5-TAA VISHAY-A-103-M-20-C0G-L-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-M-20-C0G-L-5-UAA VISHAY-A-103-M-20-C0G-L-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-M-20-X7R-K-5-TAA VISHAY-A-103-M-20-X7R-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results

Similar Description - A-103-M-20-Y5V-F-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com