Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U673D278F010HE1C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # U673D278F010HE1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D278F010HE1C Datasheet(HTML) 2 Page - Vishay Siliconix

  U673D278F010HE1C Datasheet HTML 1Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 2Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 3Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 4Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 5Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 6Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 7Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 8Page - Vishay Siliconix U673D278F010HE1C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Document Number: 42057
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 16-Jul-08
433
U673D and U674D
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
Vishay Sprague
Note
(1) Type U673D only
DIMENSIONS in inches [millimeters] AND AVAILABLE FORMS
HS
0.895 [22.7]
3.150 [80.0]
3.246 [82.4]
0.300 [7.6]
1.73 (49)
HT
0.895 [22.7]
3.650 [92.7]
3.746 [95.1]
0.300 [7.6]
2.08 (59)
JE
1.020 [25.9]
1.150 [29.2]
1.246 [31.6]
0.400 [10.2]
0.81 (23)
JJ
1.020 [25.9]
1.650 [41.9]
1.746 [44.3]
0.400 [10.2]
1.02 (29)
JL
1.020 [25.9]
2.150 [54.6]
2.246 [57.0]
0.400 [10.2]
1.20 (34)
JP
1.020 [25.9]
2.650 [67.3]
2.746 [69.7]
0.400 [10.2]
1.87 (53)
JS
1.020 [25.9]
3.150 [80.0]
3.246 [82.4]
0.400 [10.2]
2.22 (63)
JT
1.020 [25.9]
3.650 [92.7]
3.746 [95.1]
0.400 [10.2]
2.54 (72)
LEAD SPACING
CASE DIAMETER
A
± 0.015 [0.4]
B
± 0.015 [0.4]
C1
± 0.015 [0.4]
C2
± 0.015 [0.4]
0.750 [19.1]
0.300 [7.6]
0.167 [4.23]
0.100 [2.5]
0.200 [5.1]
0.875 [22.2]
0.400 [10.2]
0.228 [5.79]
0.150 [3.8]
0.300 [7.6]
1.000 [25.4]
0.400 [10.2]
0.228 [5.79]
0.150 [3.8]
0.300 [7.6]
DIMENSIONS in inches [millimeters]
CASE
CODE
STYLE 1
STYLE 7
OVERALL
LENGTH
LEAD SPACING (1)
S
± 0.015 [0.4]
TYPICAL WEIGHT
oz. (g)
D
± 0.015 [0.4]
L
± 0.062 [1.6]
H
(MAX.)
Terminal Code C
0.025 [0.63]
Min.
H
(-)
(+) 0.375
[9.5]
0.281
[7.1]
L
PVC Sleeve
Solid Tinned Leads
No. 18 AWG
0.040 [1.0] Dia.
0.125
[3.2]
(-)
(+)
S
D
C
L
135° Typ.
Terminal Code J
Terminal Code A
1.0 [25.4]
(+)
(-)
H
NC
0.75 [19.1]
(+)
1.0
[25.4]
0.025
[0.63]
Min.
PVC Sleeve
A
120° Typ.
B
C2
C1
0.125
[3.2]
(-)
(-)
PVC Sleeve
D
C
L
L
0.025
[0.63]
Solid Tinned Leads
No. 18 AWG
0.040 [1.0] Dia.
Solid Tinned Leads
No. 18 AWG
0.040 [1.0] Dia.
L
(-)
H
(+)
(+)
(-)
(-)
S
0.125
[3.2]
D
C
L
135° Typ.
0.250 ± 0.015
[6.3 ± 0.4]


Similar Part No. - U673D278F010HE1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D278F010HE1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com