Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U673D159F7R5HS1C Datasheet(PDF) 11 Page - Vishay Siliconix

Part # U673D159F7R5HS1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D159F7R5HS1C Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button U673D159F7R5HS1C Datasheet HTML 5Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 6Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 7Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 8Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 9Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 10Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 11Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 12Page - Vishay Siliconix U673D159F7R5HS1C Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
U673D and U674D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42057
442
Revision: 16-Jul-08
60 WVDC AT + 105 °C, SURGE = 85 V
180.0
U673D187H060GE1C
GE
341.0
73.0
2.41
75.0
270.0
U673D277H060HE1C
HE
215.0
51.0
3.18
54.0
330.0
U673D337H060GJ1C
GJ
167.0
38.0
3.85
40.0
390.0
U673D397H060JE1C
JE
164.0
43.0
3.77
45.0
560.0
U673D567H060HJ1C
HJ
106.0
27.0
5.01
29.0
680.0
U673D687H060GP1C
GP
84.0
21.0
6.35
23.0
820.0
U673D827H060JJ1C
JJ
82.0
23.0
5.90
26.0
1000.0
U673D108H060GT1C
GT
57.0
15.0
8.69
18.0
1200.0
U673D128H060JL1C
JL
55.0
17.0
7.62
20.0
1500.0
U673D158H060JP1C
JP
42.0
13.0
9.51
17.0
1800.0
U673D188H060JS1C
JS
35.0
12.0
10.60
16.0
2200.0
U673D228H060JT1C
JT
30.0
10.0
12.40
14.0
75 WVDC AT + 105 °C, SURGE = 100 V
120.0
U673D127H075GE1C
GE
600.0
169.0
1.58
170.0
180.0
U673D187H075HE1C
HE
399.0
116.0
2.10
117.0
220.0
U673D227H075JE1C
JE
300.0
92.0
2.57
93.0
330.0
U673D337H075HJ1C
HJ
196.0
59.0
3.39
60.0
470.0
U673D477H075JJ1C
JJ
145.0
46.0
4.17
47.0
560.0
U673D567H075HL1C
HL
131.0
40.0
4.59
41.0
680.0
U673D687H075JL1C
JL
98.0
32.0
4.02
31.0
820.0
U673D827H075HS1C
HS
80.0
26.0
6.72
28.0
1000.0
U673D108H075JP1C
JP
73.0
24.0
7.00
26.0
1200.0
U673D128H075JS1C
JS
59.0
20.0
8.27
22.0
1500.0
U673D158H075JT1C
JT
50.0
18.0
9.30
20.0
100 WVDC AT + 105 °C, SURGE = 125 V
68.0
U673D686H100GE1C
GE
992.0
292.0
1.20
295.0
120.0
U673D127H100HE1C
HE
602.0
182.0
1.68
185.0
150.0
U673D157H100JE1C
JE
490.0
150.0
2.01
155.0
220.0
U673D227H100HJ1C
HJ
294.0
90.0
2.74
91.0
270.0
U673D277H100GP1C
GP
240.0
73.0
3.40
74.0
330.0
U673D337H100JJ1C
JJ
239.0
75.0
3.27
76.0
390.0
U673D397H100GT1C
GT
161.0
50.0
4.76
51.0
470.0
U673D477H100JL1C
JL
159.0
51.0
4.40
52.0
560.0
U673D567H100JP1C
JP
120.0
39.0
5.49
40.0
680.0
U673D687H100JS1C
JS
96.0
32.0
6.53
33.0
820.0
U673D827H100JT1C
JT
81.0
28.0
7.46
29.0
150 WVDC AT + 105 °C, SURGE = 200 V
56.0
U673D566H150GE1C
GE
1733.0
881.0
0.694
895.0
82.0
U673D826H150HE1C
HE
1152.0
588.0
0.936
592.0
100.0
U673D107H150GJ1C
GJ
886.0
450.0
1.12
460.0
150.0
U673D157H150GL1C
GL
569.0
290.0
1.56
297.0
220.0
U673D227H150HL1C
HL
376.0
193.0
2.09
198.0
330.0
U673D337H150JL1C
JL
275.0
142.0
2.64
148.0
470.0
U673D477H150JP1C
JP
202.0
105.0
3.35
108.0
470.0
U673D477H150HT1C
HT
185.0
96.0
3.74
100.0
560.0
U673D567H150JS1C
JS
163.0
84.0
4.03
88.0
680.0
U673D687H150JT1C
JT
137.0
71.0
4.69
74.0
Note
(1) For applications requiring single ended, 3 lead capacitors, change the Part Number U673D to Part Number U674D. Type U674D is only
available in terminal style “A”.
ORIGINAL RATINGS
CAPACITANCE
(µF)
PART NUMBER (1)
CASE CODE
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX.
IMPEDANCE
AT 100 kHz
(m
Ω)
120 Hz
20 kHz
20 kHz to
100 kHz


Similar Part No. - U673D159F7R5HS1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D159F7R5HS1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com