Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y4045249K000B0W Datasheet(PDF) 7 Page - Vishay Siliconix

Part # Y4045249K000B0W
Description  Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4045249K000B0W Datasheet(HTML) 7 Page - Vishay Siliconix

  Y4045249K000B0W Datasheet HTML 1Page - Vishay Siliconix Y4045249K000B0W Datasheet HTML 2Page - Vishay Siliconix Y4045249K000B0W Datasheet HTML 3Page - Vishay Siliconix Y4045249K000B0W Datasheet HTML 4Page - Vishay Siliconix Y4045249K000B0W Datasheet HTML 5Page - Vishay Siliconix Y4045249K000B0W Datasheet HTML 6Page - Vishay Siliconix Y4045249K000B0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - Y4045249K000B0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
Y4063-1.0KBCT VISHAY-Y4063-1.0KBCT Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
Y4063-1.0KBDKR VISHAY-Y4063-1.0KBDKR Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results

Similar Description - Y4045249K000B0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com