Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0104120K500A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # Y0104120K500A
Description  Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0104120K500A Datasheet(HTML) 5 Page - Vishay Siliconix

  Y0104120K500A Datasheet HTML 1Page - Vishay Siliconix Y0104120K500A Datasheet HTML 2Page - Vishay Siliconix Y0104120K500A Datasheet HTML 3Page - Vishay Siliconix Y0104120K500A Datasheet HTML 4Page - Vishay Siliconix Y0104120K500A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - Y0104120K500A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
Y01 MITSUMI-Y01 Datasheet
51Kb / 4P
   3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
More results

Similar Description - Y0104120K500A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com