Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y162910R0000Q0R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y162910R0000Q0R
Description  Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y162910R0000Q0R Datasheet(HTML) 4 Page - Vishay Siliconix

  Y162910R0000Q0R Datasheet HTML 1Page - Vishay Siliconix Y162910R0000Q0R Datasheet HTML 2Page - Vishay Siliconix Y162910R0000Q0R Datasheet HTML 3Page - Vishay Siliconix Y162910R0000Q0R Datasheet HTML 4Page - Vishay Siliconix Y162910R0000Q0R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Flip Chip Resistor with TCR
of ± 0.05 ppm/°C, 35 % Space Saving versus
Wraparound Design and PCR of 5 ppm at Rated Power
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63106
4
Revision: 28-Jun-07
Note
* For non-standard requests, please contact Application Engineering.
TABLE 7 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y162910K0000T9W (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1629 = VFCP0805
1630 = VFCP1206
1631 = VFCP1506
1632 = VFCP2010
1633 = VFCP2512
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.50 %
F = ± 1.00 %
R = Tape and Reel
W = Waffle Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1629 10K0000 T 9 W:
TYPE: VFCP0805
VALUE: 10.0 k
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Waffle Pack
HISTORICAL PART NUMBER: VFCP0805 10K000 TCR0.2 T S W (will continue to be used)
VFCP0805
10K000
TCR0.2
T
S
W
MODEL
OHMIC VALUE
TCR
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
VFCP0805
VFCP1206
VFCP1506
VFCP2010
VFCP2512
10.0 k
Ω
Characteristic
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.50 %
F = ± 1.00 %
S = Lead (Pb)-free
B = Tin/Lead
T = Tape and Reel
W = Waffle Pack
62
91
K
0
0
0
Y1
T9
0
W
0


Similar Part No. - Y162910R0000Q0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y162910R0000Q0R VISHAY-Y162910R0000Q0R Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
More results

Similar Description - Y162910R0000Q0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com