Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S151K33X7RR63K7. Datasheet(PDF) 10 Page - Vishay Siliconix

Part # S151K33X7RR63K7.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S151K33X7RR63K7. Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button S151K33X7RR63K7. Datasheet HTML 3Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 4Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 5Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 6Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 7Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 8Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 9Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 10Page - Vishay Siliconix S151K33X7RR63K7. Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number 28515
58
Revision 26-Oct-06
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
REEL AND TAPE DATA in millimeters
Reel with capacitors on tape
±
±
Ammopack with capacitors on tape
290
335
50


Similar Part No. - S151K33X7RR63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S151K33SL0N6 VISHAY-S151K33SL0N6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S151K33SL0N6.J5 VISHAY-S151K33SL0N6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S151K33SL0N6J5 VISHAY-S151K33SL0N6J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
S151K33Y5PS6.K7. VISHAY-S151K33Y5PS6.K7. Datasheet
289Kb / 5P
   Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Revision: 12-Dec-06
More results

Similar Description - S151K33X7RR63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com