Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST220100T4KX Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST220100T4KX
Description  Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST220100T4KX Datasheet(HTML) 3 Page - Vishay Siliconix

  ST220100T4KX Datasheet HTML 1Page - Vishay Siliconix ST220100T4KX Datasheet HTML 2Page - Vishay Siliconix ST220100T4KX Datasheet HTML 3Page - Vishay Siliconix ST220100T4KX Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 43000
82
Revision: 17-Jul-08
ST
Vishay
Super Tan® Wet Tantalum Capacitors
with Hermetic Seal
93026 RATINGS AND CASE CODES
DSCC
DRAWING
93026
CAP. AT
25 °C
and
120 Hz
(µF)
CASE
CODE
MAX. ESR
Ω
120 Hz
MAX. DCL
µA
MAX.
IMP. AT
- 55 °C
120 Hz
Ω
MAX. CAPACITANCE
CHANGE %
AC RIPPLE
85 °C
40 kHz
mA
rms
25 °C
85 °C
and
125 °C
- 55 °C
85 °C
125 °C
25 VDC at 85 °C
15 VDC at 125 °C
93026-29
120
T1
1.3
1
5
25
- 42
+ 8
+ 12
1250
93026-30
560
T2
0.83
2
10
12
- 65
+ 10
+ 15
2100
93026-57
1100
L2
0.5
3
25
7
- 60
+ 20
+ 45
3200
93026-31
1200
T3
0.65
5
20
7
- 70
+ 12
+ 18
2600
93026-32
1800
T4
0.5
6
25
7
- 75
+ 12
+ 20
3100
30 VDC at 85 °C
20 VDC at 125 °C
93026-33
100
T1
1.3
1
5
25
- 38
+ 8
+ 12
1200
93026-34
470
T2
0.85
2
10
15
- 65
+ 10
+ 18
1800
93026-58
950
L2
0.5
5
30
7
- 55
+ 18
+ 35
3200
93026-35
1000
T3
0.7
7
25
7
- 70
+ 10
+ 18
2500
93026-36
1500
T4
0.6
12
35
6
- 72
+ 10
+ 20
3000
50 VDC at 85 °C
30 VDC at 125 °C
93026-37
68
T1
1.5
1
5
35
- 25
+ 8
+ 15
1050
93026-38
220
T2
0.9
2
10
17.5
- 50
+ 8
+ 15
1800
93026-59
450
L2
0.6
3
25
7.5
- 45
+ 12
+ 30
2900
93026-39
470
T3
0.75
3
25
10
- 50
+ 8
+ 15
2100
93026-40
680
T4
0.7
5
40
8
- 58
+ 10
+ 20
2750
60 VDC at 85 °C
40 VDC at 125 °C
93026-41
47
T1
2.0
1
5
44
- 25
+ 8
+ 12
1050
93026-42
150
T2
1.1
2
10
20
- 40
+ 8
+ 15
1650
93026-60
370
L2
0.6
3
25
9
- 33
+ 9
+ 20
2900
93026-43
390
T3
0.9
3
25
15
- 60
+ 8
+ 15
2100
93026-44
560
T4
0.8
5
40
10
- 58
+ 8
+ 15
2750
75 VDC at 85 °C
50 VDC at 125 °C
93026-45
33
T1
2.5
1
5
66
- 25
+ 5
+ 9
1050
93026-46
110
T2
1.3
2
10
24
- 35
+ 6
+ 10
1650
93026-61
250
L2
0.8
5
30
12
- 30
+ 6
+ 15
2500
93026-47
330
T3
1.0
3
30
12
- 45
+ 6
+ 10
2100
93026-48
470
T4
0.9
5
50
12
- 55
+ 6
+ 10
2750
100 VDC at 85 °C
65 VDC at 125 °C
93026-49
15
T1
3.5
1
5
125
- 18
+ 3
+ 10
1050
93026-50
68
T2
2.1
2
10
37
- 30
+ 4
+ 12
1650
93026-62
120
L2
1.0
3
25
20.5
- 30
+ 4
+ 12
2200
93026-51
150
T3
1.6
3
25
22
- 35
+ 6
+ 12
2100
93026-52
220
T4
1.2
5
50
15
- 40
+ 6
+ 12
2750
125 VDC at 85 °C
85 VDC at 125 °C
93026-53
10
T1
5.5
1
5
175
- 15
+ 3
+ 10
1050
93026-54
47
T2
2.3
2
10
47
- 25
+ 5
+ 12
1650
93026-63
90
L2
1.3
5
25
25
- 22
+ 4
+ 15
2000
93026-55
100
T3
1.8
3
25
35
- 35
+ 5
+ 12
2100
93026-56
150
T4
1.6
5
50
20
- 35
+ 6
+ 12
2750
ORDERING INFORMATION - DSCC PART NUMBER
93026
-29
K
S
DSCC
DRAWING NUMBER
DASH
NUMBER
CAPACITANCE
TOLERANCE
K = ± 10 %
M = ± 20 %
S = Sleeved
U = Unsleeved
DEFENSE SUPPLY CENTER, COLUMBUS
COLUMBUS, OHIO
DRAWING NO.
93026


Similar Part No. - ST220100T4KX

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2201U SITRONIX-ST2201U Datasheet
298Kb / 12P
   Integrated Microcontroller
More results

Similar Description - ST220100T4KX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST VISHAY-ST Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE VISHAY-STE Datasheet
92Kb / 3P
   SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
Revision: 25-Aug-08
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
   SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
Revision: 07-Nov-14
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com