Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-621-DGFST3F-12.8000 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # EX-621-DGFST3F-12.8000
Description  Evacuated Miniature Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-621-DGFST3F-12.8000 Datasheet(HTML) 5 Page - Vectron International, Inc

  EX-621-DGFST3F-12.8000 Datasheet HTML 1Page - Vectron International, Inc EX-621-DGFST3F-12.8000 Datasheet HTML 2Page - Vectron International, Inc EX-621-DGFST3F-12.8000 Datasheet HTML 3Page - Vectron International, Inc EX-621-DGFST3F-12.8000 Datasheet HTML 4Page - Vectron International, Inc EX-621-DGFST3F-12.8000 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EX-620 Series
Series
Series
Series
Evacuated Miniature Crystal Oscillator
EMXO
TM
Vectron International · www.vectron.com
v.2008-07-07 · page 5 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
How to Order this Product:
Step 1
Use this ordering information to specify the required parameters and forward it to your factory presentative
EX
620
D
A
F
1 0 7
A
12.8000
EX= EMXO
Package
620 (A1) = Thru Hole/ HCMOS
625 (A2) = SMD/HCMOS
621 (A3) = SMD/Sine
Supply Voltage
D = 3.3 Vdc +/-5%
C = 5.0 Vdc +/-5%
Output
A = CMOS
G = +0dBm sine
H = +3dBm sine
Temperature & Stability
D-758 = +/-75 ppb over -20
oC to +70oC
F-107 = +/-100 ppb over -40
oC to +85oC
Stratum 3 Requirements per GR-1244-CORE
DST3 = +/-140 ppb (+/-280peak-peak) over -20oC to +70oC
FST3 = +/-140 ppb (+/-280peak-peak) over -40oC to +85oC
Other Options
A = Electrical Frequency Control (EFC)
F = Fixed Frequency
Output Frequency
10.0000 MHz
12.8000 MHz
16.3840 MHz
20.0000 MHz
30.0000 MHz
MHz
-
-
-
-


Similar Part No. - EX-621-DGFST3F-12.8000

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
EX-03N FOTEK-EX-03N Datasheet
963Kb / 3P
   Photo sensor
EX-07N FOTEK-EX-07N Datasheet
963Kb / 3P
   Photo sensor
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
List of Unclassifed Man...
EX-1030S ETC1-EX-1030S Datasheet
55Kb / 2P
   ADSL Transformer
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
   Ultra-Slim, Narrow Beam Photoelectric Sensor
More results

Similar Description - EX-621-DGFST3F-12.8000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com