Electronic Components Datasheet Search |
|
S682Z47Y5VP6.K7. Datasheet(PDF) 9 Page - Vishay Siliconix |
|
S682Z47Y5VP6.K7. Datasheet(HTML) 9 Page - Vishay Siliconix |
9 / 11 page Document Number 28515 For technical questions, contact: CDC@vishay.com www.vishay.com Revision 26-Oct-06 57 HV 1 kV - 6 kV Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose Vishay BCcomponents Notes 1. Cumulative pitch error: ± ≤ 1 mm/20 pitches. 2. Obliquity maximum 3 °. DIMENSIONS OF TAPE SYMBOL PARAMETER DIMENSIONS (mm) NOMINAL TOLERANCE D body diameter 11.0 maximum - d lead diameter 0.6 ± 0.05 P pitch between capacitors 12.7 ± 1.0 P0 feed-hole pitch 12.7 ± 0.3; note 1 ΔP plane deviation 1.0 maximum - P1 feed-hole centre to lead centre 3.85 ± 0.7; note 2 P2 feed-hole centre to component centre 6.35 ± 1.3; note 2 F lead spacing 5.0 + 0.6/- 0.4 Δh component alignment 0 ± 1.0 W tape width 18.0 + 1.0/- 0.5 W0 hold-down tape width 5.0 minimum - W1 hole position 9.0 + 0.75/- 0.5 W2 hold-down tape margin 3.0 maximum - H0 height to seating plane 16.0 ± 0.5 H1 maximum component height 32.0 - e lead end protrusion 1.0 maximum - L maximum length of snipped lead 11.0 - D0 feed-hole diameter 4.0 ± 0.2 t total tape thickness 0.9 maximum − t1 maximum thickness of tape and wires 1.5 maximum − P 2 P D P1 ∅ d W1 W0 W2 W H0 H1 D0 P0 direction of unreeling A t detail A Δh Δh ΔP ΔP t1 F e L Δs Δs Kinked capacitors on tape, lead spacing 5.0 mm (0.2 inch) |
Similar Part No. - S682Z47Y5VP6.K7. |
|
Similar Description - S682Z47Y5VP6.K7. |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |