Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T70RIA120 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # T70RIA120
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T70RIA120 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button T70RIA120 Datasheet HTML 2Page - Vishay Siliconix T70RIA120 Datasheet HTML 3Page - Vishay Siliconix T70RIA120 Datasheet HTML 4Page - Vishay Siliconix T70RIA120 Datasheet HTML 5Page - Vishay Siliconix T70RIA120 Datasheet HTML 6Page - Vishay Siliconix T70RIA120 Datasheet HTML 7Page - Vishay Siliconix T70RIA120 Datasheet HTML 8Page - Vishay Siliconix T70RIA120 Datasheet HTML 9Page - Vishay Siliconix T70RIA120 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93756
6
Revision: 03-Jun-08
T..RIA Series
Vishay High Power Products Medium Power Phase Control Thyristors
(Power Modules), 50 A/70 A/90 A
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
500
600
700
800
900
1000
1100
1200
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
T50RIA.. Series
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
500
600
700
800
900
1000
1100
1200
1300
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
T50RIA.. Series
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T50RIA.. Series
T = 125°C
J
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1) (2)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
(1) PGM = 10W, tp = 5ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 50W, tp = 1ms
(4) PGM = 100W, tp = 500µs
<=30% rated di/dt : 20V, 65ohms
tr=1µs, tp>=6µs
T50RIA.. Series
Frequency Limited by PG(AV)
rated di/dt : 20V, 30ohms;
tr=0.5µs, tp>=6µs
(3) (4)


Similar Part No. - T70RIA120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T70RIA120 IRF-T70RIA120 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T70RIA120 VISHAY-T70RIA120 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
More results

Similar Description - T70RIA120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-TRIA VISHAY-VS-TRIA Datasheet
255Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
Revision: 20-Dec-16
VS-T..RIA VISHAY-VS-T..RIA Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-T..RIA VISHAY-VS-T..RIA_V01 Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2023
T50RIA120S90 VISHAY-T50RIA120S90 Datasheet
254Kb / 13P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
VS-TRIA VISHAY-VS-TRIA_V01 Datasheet
253Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 11-Mar-14
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com