Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K472K15X7RF5.L2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # K472K15X7RF5.L2
Description  Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K472K15X7RF5.L2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button K472K15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 10Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 11Page - Vishay Siliconix K472K15X7RF5.L2 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Document Number: 45175
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 18-Jan-06
60
Mono-Kap
Dipped Radial Multilayer Ceramic Capacitors
50 - 100 Vdc
Vishay
MONO-KAP C0G - 50 VDC CLEAR TEXT CODE
CAP (PF)
RATED VOLTAGE (VDC)
LEAD SPACING
10 % TOLERANCE
20 % TOLERANCE
MM (INCH-REF)
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
3300
50 Vdc
2.5 mm (0.10")
K332J20C0GF5.L2
K332K20C0GF5.L2
3300
5.0 mm (0.20")
K332J20C0GF5.H5
K332K20C0GF5.H5
3900
2.5 mm (0.10")
K392J20C0GF5.L2
K392K20C0GF5.L2
3900
5.0 mm (0.20")
K392J20C0GF5.H5
K392K20C0GF5.H5
4700
2.5 mm (0.10")
K472J20C0GF5.L2
K472K20C0GF5.L2
4700
5.0 mm (0.20")
K472J20C0GF5.H5
K472K20C0GF5.H5
5600
2.5 mm (0.10")
K562J20C0GF5.L2
K562K20C0GF5.L2
5600
5.0 mm (0.20")
K562J20C0GF5.H5
K562K20C0GF5.H5
6800
2.5 mm (0.10")
K682J20C0GF5.L2
K682K20C0GF5.L2
6800
5.0 mm (0.20")
K682J20C0GF5.H5
K682K20C0GF5.H5
8200
2.5 mm (0.10")
K822J20C0GF5.L2
K822K20C0GF5.L2
8200
5.0 mm (0.20")
K822J20C0GF5.H5
K822K20C0GF5.H5
10 000
2.5 mm (0.10")
K103J20C0GF5.L2
K103K20C0GF5.L2
10 000
5.0 mm (0.20")
K103J20C0GF5.H5
K103K20C0GF5.H5
MONO-KAP Y5V - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
LEAD SPACING
+ 80/- 20 % TOLERANCE
MM (INCH-REF)
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
10 000
100 Vdc
2.5 mm (0.10")
K103Z15Y5VH53L2
10 000
5.0 mm (0.20")
K103Z15Y5VH53H5
15 000
2.5 mm (0.10")
K153Z15Y5VH53L2
15 000
5.0 mm (0.20")
K153Z15Y5VH53H5
22 000
2.5 mm (0.10")
K223Z15Y5VH53L2
22 000
5.0 mm (0.20")
K223Z15Y5VH53H5
33 000
2.5 mm (0.10")
K333Z15Y5VH53L2
33 000
5.0 mm (0.20")
K333Z15Y5VH53H5
47 000
2.5 mm (0.10")
K473Z15Y5VH53L2
47 000
5.0 mm (0.20")
K473Z15Y5VH53H5
68 000
2.5 mm (0.10")
K683Z15Y5VH53L2
68 000
5.0 mm (0.20")
K683Z15Y5VH53H5
100 000
2.5 mm (0.10")
K104Z15Y5VH53L2
100 000
5.0 mm (0.20")
K104Z15Y5VH53H5
150 000
2.5 mm (0.10")
K154Z20Y5VH53L2
150 000
5.0 mm (0.20")
K154Z20Y5VH53H5
220 000
2.5 mm (0.10")
K224Z20Y5VH53L2
220 000
5.0 mm (0.20")
K224Z20Y5VH53H5


Similar Part No. - K472K15X7RF5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K472K15X7RF5.L2 VISHAY-K472K15X7RF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
More results

Similar Description - K472K15X7RF5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com