Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85HF40 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T85HF40
Description  Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T85HF40 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T85HF40 Datasheet HTML 3Page - Vishay Siliconix T85HF40 Datasheet HTML 4Page - Vishay Siliconix T85HF40 Datasheet HTML 5Page - Vishay Siliconix T85HF40 Datasheet HTML 6Page - Vishay Siliconix T85HF40 Datasheet HTML 7Page - Vishay Siliconix T85HF40 Datasheet HTML 8Page - Vishay Siliconix T85HF40 Datasheet HTML 9Page - Vishay Siliconix T85HF40 Datasheet HTML 10Page - Vishay Siliconix T85HF40 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587
10
Revision: 12-Jun-08
T..HF Series
Vishay High Power Products
Power Rectifier Diodes (T-Modules),
40 A/70 A/85 A/110 A
Fig. 29 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value:
R
= 1.36 K/ W
R
= 0.69 K/ W
R
= 0.62 K/ W
R
= 0.47 K/ W
(DC Operation)
thJC
thJC
thJC
thJC
T40HF.. Series
T70HF.. Series
T85HF.. Series
T110HF.. Series
1
-
Module type
3
-
Circuit configuration
-
Voltage code x 10 = VRRM
4
-
Current rating
2
Device code
13
24
T
110
HF
120
+
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95313


Similar Part No. - T85HF40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T85HF40 VISHAY-T85HF40 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
More results

Similar Description - T85HF40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com