Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y4485V0065QT9R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y4485V0065QT9R
Description  Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4485V0065QT9R Datasheet(HTML) 1 Page - Vishay Siliconix

  Y4485V0065QT9R Datasheet HTML 1Page - Vishay Siliconix Y4485V0065QT9R Datasheet HTML 2Page - Vishay Siliconix Y4485V0065QT9R Datasheet HTML 3Page - Vishay Siliconix Y4485V0065QT9R Datasheet HTML 4Page - Vishay Siliconix Y4485V0065QT9R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSMZ (Z-Foil)
Vishay Foil Resistors
Document Number: 63121
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 06-Aug-07
1
Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage
Divider, TCR Tracking of < 0.1 ppm/°C, PCR of ± 5 ppm
at Rated Power and Stability of ± 0.005 % (50 ppm)
Any value at any ratio available within resistance range
INTRODUCTION
Bulk Metal® Z-Foil Technology out-performs all other resistor
technologies available today for applications that require
ultra-high precision and ultra-high stabilitly.
The Z-Foil technology provides a significant reduction of the
resistive
element’s
sensitivity
to
ambient
temperature
variations (TCR) and to self heating when power is applied
(power coefficient).
The DSMZ offers low TCR (both absolute and tracking), low
PCR, excellent load life stability, tight tolerance match,
excellent ratio stability, low thermal EMF, and low current
noise - all in one package.
The DSMZ surface mount divider provides a matched pair of
Bulk Metal® Z-Foil Resistors in a small epoxy molded
package. The electrical specification of this integrated
construction offers improved performance and better real
estate utilization over discrete resistors and matched pairs.
Our Application Engineering Department is available to advise
and make recommendations. For non-standard technical
requirements and special applications, please contact us.
Notes
1. Tighter performances are available
2. 100
Ω to 20 kΩ per resistor available in DSM
FEATURES
Temperature Coefficient of Resistance (TCR):
Absolute: ± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical
(- 55 °C to + 125 °C, + 25 °C Ref.)
Tracking: 0.1 ppm/°C typical
• Power Coefficient Tracking
ΔR due to self heating”: ± 5 ppm at Rated Power
• Power Rating at 70 °C: Entire Package: 0.1 W
Each Resistor: 0.05 W
• Tolerance: Absolute: ± 0.02 %; Match: 0.01 %
• Ratio Stability: 0.005 % (0.05 W at 70 °C, 2000 hours)
• Resistance Range: 100 Ω to 10 kΩ per resistor
• Large Variety of Resistance Ratios: 1:100
• Electrostatic Discharge (ESD) above 25 000 V
• Short Time Overload ≤ 0.005 %
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: < 0.08 µH
• Non Hot Spot Design
• Terminals: silver coated copper alloy
• For better performances, please contact Application
Engineering
APPLICATIONS
Instrumentation amplifiers
• Bridge networks
• Differential amplifiers
• Ratio arms in bridge circuits
• Medical and test equipment
• Military
Airborne etc.
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - RESISTANCE VALUES AND TOLERANCES1)
RESISTANCE VALUES
100
Ω - 10 kΩ per resistor2)
ABSOLUTE TOLERANCE
EACH RESISTOR
± 0.02 %, ± 0.05 %, ± 0.1 %
RESISTANCE
TOLERANCE MATCH
0.01 %, 0.02 %, 0.05 %
TCR
Absolute: (typical and maximum
spread): ± 0.2 ± 2.0 ppm/°C
- 55 °C to + 125 °C
(+ 25 °C reference)
Tracking: (maximum)
For R1/R2 = 1
0.5 ppm/°C
For 1 < R1/R2
≤ 10
1.0 ppm/°C
For 10 < R1/R2
≤ 100 2.0 ppm/°C
FIGURE 1 - SCHEMATIC
OPTION 1
SAME OHMIC VALUE,
SAME ABSOLUTE TOLERANCE
R1
OPTION 2
RESISTOR PAIR
R1/R2 - DIFFERENT VALUES
R2
FIGURE 2 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
R1
R2
Vin
Vout
-
+
DSMZ
125
- 55
90
80
- 60
- 40
- 20
0
20
40
60
80
100
120
70
140
70
60
50
40
30
20
10
0
100
110
Ambient Temperature (°C)


Similar Part No. - Y4485V0065QT9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
More results

Similar Description - Y4485V0065QT9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
   Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Revision: 28-Feb-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
   Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com