Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S152K39Y5PP6.K5. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S152K39Y5PP6.K5.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S152K39Y5PP6.K5. Datasheet(HTML) 1 Page - Vishay Siliconix

  S152K39Y5PP6.K5. Datasheet HTML 1Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 2Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 3Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 4Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 5Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 6Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 7Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 8Page - Vishay Siliconix S152K39Y5PP6.K5. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Document Number 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 26-Oct-06
49
HV 1 kV - 6 kV
Vishay BCcomponents
FEATURES
• Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Lead (Pb)-free available
APPLICATIONS
• DC high voltage
• Pulse high voltage
• SMPS
• HV power supply
• HF ballast
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm or 0.8 mm up to 3 kV
and 0.8 mm for 6 kV.
The capacitors may be supplied with kinked or straight leads
with a lead spacing of 5 mm (0.200"), 7.5 mm (0.300") or
10 mm (0.400") and a lead length from 4 to 30 mm. The
standard tolerance on capacitance is 5 % or 10 % for class 1
capacitors and ± 10 % or ± 20 % for class 2 capacitors.
Encapsulation is
made
of gold-coloured
epoxy-resin,
flammable resistant in accordance with “UL94V-0”.
CAPACITANCE RANGE:
Class 1, at 1 MHz, 1.2 V (RMS); 10 to 220 pF
1 kHz, 1 ± 0.2 V (RMS) for capacitance values higher than
1000 pF
Class 2, at 1 kHz, 1 ± 0.2 V (RMS); 100 to 22 000 pF
RATED DC VOLTAGE:
1 kV; 2 kV; 3 kV; 6 kV
DIELECTRIC STRENGTH:
200 % of rated voltage
INSULATION RESISTANCE AT 500 V (DC):
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE:
± 5 %; ± 10 %; ± 20 %; + 80 /- 20 %
Other tolerances available on request
DISSIPATION FACTOR:
Class 1, C
≤ 30 pF; ≤ 20 x (10/C + 0.7) x 10-4 max.
Class 1, C > 30 pF;
≤ 0.2 %
Class 2,
≤ 3.0 %
OPERATING TEMPERATURE RANGE:
Class 1 SL0; S3N - 55 to + 125 °C
Class 2 X7R - 55 to + 125 °C
Class 2 Y5P; Z5U; Y5V - 30 to + 85 °C
Class 2 X5F - 55 to + 85 °C
TEMPERATURE COEFFICIENTS:
Class 1 SL0; S3N
Class 2 X7R; Y5P; Z5U; Y5V; X5F
SECTIONAL SPECIFICATIONS:
Class 1 IEC 60 384-8,
Class 2 IEC 60 384-9,
EIA 198
CLIMATIC CATEGORY:
Class 1 SL0 55/125/21
Class 2 X7R 55/125/21
Class 2 Y5P; Z5U; Y5V 30/85/21
Class 2 X5F 55/85/21
MARKING
Straight and kinked leaded versions are gold coloured
Marking indicates capacitance value and tolerance in
accordance with “EIA 198”, and voltage
F
D
SH
tangent
line
F
D
SH
tangent
line
Capacitors with 5 mm (0.20 inch), 7.5 mm (0.30 inch)
and 10 mm (0.40 inch) lead spacing
D
F
tangent
line
SH
Capacitors with 10 mm (0.40 inch) lead spacing
RoHS
COMPLIANT
e3


Similar Part No. - S152K39Y5PP6.K5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S152K39Y5PP6 VISHAY-S152K39Y5PP6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - S152K39Y5PP6.K5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com