Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T50RIA20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T50RIA20
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T50RIA20 Datasheet(HTML) 4 Page - Vishay Siliconix

  T50RIA20 Datasheet HTML 1Page - Vishay Siliconix T50RIA20 Datasheet HTML 2Page - Vishay Siliconix T50RIA20 Datasheet HTML 3Page - Vishay Siliconix T50RIA20 Datasheet HTML 4Page - Vishay Siliconix T50RIA20 Datasheet HTML 5Page - Vishay Siliconix T50RIA20 Datasheet HTML 6Page - Vishay Siliconix T50RIA20 Datasheet HTML 7Page - Vishay Siliconix T50RIA20 Datasheet HTML 8Page - Vishay Siliconix T50RIA20 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93756
4
Revision: 03-Jun-08
T..RIA Series
Vishay High Power Products Medium Power Phase Control Thyristors
(Power Modules), 50 A/70 A/90 A
Note
(1) A mounting compund is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
T50RIA T70RIA T90RIA
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 125
°C
Maximum storage
temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.65
0.50
0.38
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.2
Mounting torque, ± 10 %
to heatsink
Non-lubricated
threads
M3.5 mounting screws (1)
1.3 ± 10 %
Nm
terminals
M5 screw terminals
3 ± 10 %
Approximate weight
54
g
Case style
T-module
D-55
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION AT TJ MAXIMUM
RECTANGULAR CONDUCTION AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
T50RIA
0.08
0.10
0.13
0.19
0.31
0.06
0.10
0.14
0.20
0.32
K/W
T70RIA
0.07
0.08
0.10
0.14
0.24
0.05
0.08
0.11
0.15
0.24
T90RIA
0.05
0.06
0.08
0.12
0.20
0.04
0.06
0.09
0.12
0.20


Similar Part No. - T50RIA20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T50RIA20 IRF-T50RIA20 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T50RIA20 VISHAY-T50RIA20 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
More results

Similar Description - T50RIA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-TRIA VISHAY-VS-TRIA Datasheet
255Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
Revision: 20-Dec-16
VS-T..RIA VISHAY-VS-T..RIA Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-T..RIA VISHAY-VS-T..RIA_V01 Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2023
T50RIA120S90 VISHAY-T50RIA120S90 Datasheet
254Kb / 13P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
VS-TRIA VISHAY-VS-TRIA_V01 Datasheet
253Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 11-Mar-14
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com