Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


L-0505N1R60GBBS Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. L-0505N1R60GBBS
Description  Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2500Low Value Metal Film Resistors 1 Welwyn Components Limited
RT0201Thin Film Chip Resistors 1 2 List of Unclassifed Manufacturers
LRCSSMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS 1 2 Welwyn Components Limited
LRF3WLow Value 3W Chip Resistors 1 2 3 Welwyn Components Limited
RRS2012RRS series audio metal thin film chip resistors 1 List of Unclassifed Manufacturers
RL3720low resistance value chip resistors with long-side electrodes for high-precision current detection. 1 List of Unclassifed Manufacturers
MFUThin Film Flat Chip Fuses 1 2 3 4 5 MoreVishay Siliconix
RMK33N_08Dual Value Chip Resistors Center Tap 1 2 3 Vishay Siliconix
HVLHigh Voltage Low Inductance Thick film Resistors 1 2 Welwyn Components Limited
MV217Low Resistance Power Film Resistors 1 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl