Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLPXXG Datasheet(PDF) 3 Page - STMicroelectronics

Part # TLPXXG
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLPXXG Datasheet(HTML) 3 Page - STMicroelectronics

  TLPXXG Datasheet HTML 1Page - STMicroelectronics TLPXXG Datasheet HTML 2Page - STMicroelectronics TLPXXG Datasheet HTML 3Page - STMicroelectronics TLPXXG Datasheet HTML 4Page - STMicroelectronics TLPXXG Datasheet HTML 5Page - STMicroelectronics TLPXXG Datasheet HTML 6Page - STMicroelectronics TLPXXG Datasheet HTML 7Page - STMicroelectronics TLPXXG Datasheet HTML 8Page - STMicroelectronics TLPXXG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (longitudinal & transversal mode) :
10/1000
µs (open circuit voltage waveform 1 kV 10/1000 µs)
8/20
µs
(open circuit voltage waveform 4 kV
1.2/50
µs)
2/10
µs
(open circuit voltage waveform 2.5kV
2/10
µs)
100
250
500
A
A
A
ITSM
Mains power induction
VRMS = 300V, R = 600
t = 200ms
0.7
A
Mains power contact
VRMS = 220V, R = 10
Ω (Fail-Safe threshold)
t = 200 ms
31
A
VRMS = 220V, R = 600
t = 15 mn
0.42
A
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
TOP
Operating temperature range
- 40 to + 85
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
Symbol
Description
IPP
Peak pulse current
ITSM
Maximum peak on-state current
IR
Leakage current
IRM
Leakage current
IH
Holding current
VBR
Breakdown voltage
VR
Continuous reverse voltage
VRM
Maximum stand-off voltage
VBO
Breakover voltage
C
Capacitance
PARAMETER MEASUREMENT INFORMATION
VRM VR VBO
IH
IR
IRM
IPP
TLPxxM/G/G-1
R4
R5
R3
Feeder
1/2 DA108S1
Internal
circuitry
Power
TYPICAL APPLICATION
ISDN: U interface protection
TLPxxM/G/G-1
3/14


Similar Part No. - TLPXXG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
logo
Tadiran Batteries GmbH
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91111ASM TADIRN-TLP-91111ASM Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-91311ASM TADIRN-TLP-91311ASM Datasheet
278Kb / 1P
   High energy
More results

Similar Description - TLPXXG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
   TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
   Tripolar overvoltage protection for telecom line
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
   OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
   TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
   Tripolar Overvoltage Protection for Network Interfaces
logo
Microsemi Corporation
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
   Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
SSRP130B1 STMICROELECTRONICS-SSRP130B1 Datasheet
58Kb / 7P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com