Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDMMLA-44.736 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VDMMLA-44.736
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VDMMLA-44.736 Datasheet(HTML) 5 Page - Vectron International, Inc

  VDMMLA-44.736 Datasheet HTML 1Page - Vectron International, Inc VDMMLA-44.736 Datasheet HTML 2Page - Vectron International, Inc VDMMLA-44.736 Datasheet HTML 3Page - Vectron International, Inc VDMMLA-44.736 Datasheet HTML 4Page - Vectron International, Inc VDMMLA-44.736 Datasheet HTML 5Page - Vectron International, Inc VDMMLA-44.736 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
V-Type Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Road, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R UP
R DN
Reliability
The V-Type is capable of meeting the following qualification tests.
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883 Method 2002
Mechanical Vibration
MIL-STD-883 Method 2007
Solderability
MIL-STD-883 Method 2003
Gross and Fine Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-883 Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the the V-Type, proper precautions should be
taken when handling and mounting. VI employs a Human Body Model and a Charged-Device Model
(CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on
the circuit parameters used to define the model. Although no industry wide standard has been adopted
for the CDM, a standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and
therefore can be used for comparison purposes.
Table 4. ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
The V-Type is qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and time
intervals listed are based on the Pb-Free small body requirements and parameters are listed in the table
below. The contact pads are gold over nickel so lower IR reflow temperatures such as 220°C can be
used (device is backwards compatible with a lead solder assembly).
The V-Type is hermetically sealed so an aqueous wash is not an issue.
Table 5. Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max


Similar Part No. - VDMMLA-44.736

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VDM01U30AA00 SCHNEIDER-VDM01U30AA00 Datasheet
41Kb / 1P
   13130245 Mc-4/11/03/400 3A Servo Antrieb
Nov 3, 2022
logo
Pepperl+Fuchs Inc.
VDM28-8-L1-7342 PF-VDM28-8-L1-7342 Datasheet
485Kb / 3P
   Distance sensor
VDM28-8-L1-8954 PF-VDM28-8-L1-8954 Datasheet
1Mb / 5P
   Distance sensor
2023-04-05
logo
Vishay Siliconix
VDMG10.0 VISHAY-VDMG10.0 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMG10.0 VISHAY-VDMG10.0 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
More results

Similar Description - VDMMLA-44.736

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com