Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1485V0073AA0R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y1485V0073AA0R
Description  High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1485V0073AA0R Datasheet(HTML) 4 Page - Vishay Siliconix

  Y1485V0073AA0R Datasheet HTML 1Page - Vishay Siliconix Y1485V0073AA0R Datasheet HTML 2Page - Vishay Siliconix Y1485V0073AA0R Datasheet HTML 3Page - Vishay Siliconix Y1485V0073AA0R Datasheet HTML 4Page - Vishay Siliconix Y1485V0073AA0R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSM
Vishay Foil Resistors High Precision Bulk Metal
® Foil Surface Mount Voltage
Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance
Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63088
4
Revision: 05-Jun-07
Note
* For non-standard requests or additional values, please contact Application Engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1485V0067BA9W (preferred part number format)
DENOTES PRECISION
VCODE*
TOLERANCE MATCH
PACKAGING
Y
RESISTANCE
VALUE CODE
T = 0.01 %
Q = 0.02 %
A = 0.05 %
R = Tape and Reel
W = Waffle Pack
PRODUCT CODE
RESISTANCE TOLERANCE
AER*
1485 = DSM
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1485 V0067 B A 9 W:
TYPE: DSM
VALUES: 10K/400R
ABSOLUTE TOLERANCE: ± 0.1 %
TOLERANCE MATCH: 0.05 %
TERMINATION: Lead (Pb)-free
PACKAGING: Waffle Pack
HISTORICAL PART NUMBER: DSM 10K 400R TCR2 B A S W (will continue to be used)
DSM
10K 400R
TCR2
B
A
S
W
MODEL
OHMIC VALUE
TCR
CHARACTERISTIC
ABSOLUTE
TOLERANCE
TOLERANCE
MATCH
TERMINATION
PACKAGING
R1 = 10 kΩ
R2 = 400 Ω
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
S = Lead (Pb)-free
B = Tin/Lead
T = Tape and Reel
W = Waffle Pack
TABLE 5 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS
(other values available upon request)
VCODES
R1/R2
RATIO
R1
R2
VCODES
R1/R2
RATIO
R1
R2
V0052
100
10K
100R
V0080
2.5
1K
400R
V0065
50
10K
200R
V0081
500R
200R
V0066
5K
100R
V0082
2
10K
5K
V0067
V0068
25
10K
5K
400R
200R
V0083
2K
1K
V0084
1K
500R
V0085
400R
200R
V0069
20
10K
500R
V0086
200R
100R
V0070
2K
100R
V0087
1.25
500R
400R
V0071
10
10K
1K
V0001
V0002
V0059
V0004
V0091
V0090
V0089
V0088
1
10K
5K
2K
1K
500R
400R
200R
100R
10K
5K
2K
1K
500R
400R
200R
100R
V0072
2K
200R
V0073
1K
100R
V0074
5
5K
1K
V0075
2K
400R
V0076
1K
200R
V0077
500R
100R
V0246
4
10K
2K5
V0078
2K
500R
V0079
400R
100R
4
8
5
V
067
0
Y1
A9
B
W


Similar Part No. - Y1485V0073AA0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R01000B9W VISHAY-Y14870R01000B9W Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
Y14870R05000B9W VISHAY-Y14870R05000B9W Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
Y14870R12400B0W VISHAY-Y14870R12400B0W Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
More results

Similar Description - Y1485V0073AA0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com