Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2308CUFXTRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2308CUFXTRPBF
Description  Low Noise, 500ksps, 8-Channel, 12-Bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2308CUFXTRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2308CUFXTRPBF Datasheet HTML 7Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 8Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 9Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 10Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 11Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 12Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 13Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 14Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2308
11
2308f
APPLICATIONS INFORMATION
Overview
The LTC2308 is a low noise, 500ksps, 8-channel, 12-bit
successive approximation register (SAR) A/D converter.
The LTC2308 includes a precision internal reference, a
configurable 8-channel analog input multiplexer (MUX)
and an SPI-compatible serial port for easy data transfers.
The ADC may be configured to accept single-ended or
differential signals and can operate in either unipolar or
bipolar mode. A sleep mode option is also provided to
save power during inactive periods.
Conversions are initiated by a rising edge on the CONVST
input. Once a conversion cycle has begun, it cannot be
restarted. Between conversions, a 6-bit input word (DIN)
at the SDI input configures the MUX and programs vari-
ous modes of operation. As the DIN bits are shifted in,
data from the previous conversion is shifted out on SDO.
After the 6 bits of the DIN word have been shifted in, the
ADC begins acquiring the analog input in preparation for
the next conversion as the rest of the data is shifted out.
The acquire phase requires a minimum time of 240ns
for the sample-and-hold capacitors to acquire the analog
input signal.
During the conversion, the internal 12-bit capacitive
charge-redistribution DAC output is sequenced through a
successive approximation algorithm by the SAR starting
from the most significant bit (MSB) to the least significant
bit (LSB). The sampled input is successively compared
with binary weighted charges supplied by the capacitive
DAC using a differential comparator. At the end of a conver-
sion, the DAC output balances the analog input. The SAR
contents (a 12-bit data word) that represent the sampled
analog input are loaded into 12 output latches that allow
the data to be shifted out.
Programming the LTC2308
The various modes of operation of the LTC2308 are
programmed by a 6-bit DIN word. The SDI data bits are
loaded on the rising edge of SCK, with the S/D bit loaded
on the first rising edge and the SLP bit on the sixth rising
edge (see Figure 8 in the Timing and Control section). The
input data word is defined as follows:
S/D
O/S
S1
S0
UNI
SLP
S/D = SINGLE-ENDED/DIFFERENTIAL BIT
O/S = ODD/SIGN BIT
S1 = ADDRESS SELECT BIT 1
S0 = ADDRESS SELECT BIT 0
UNI = UNIPOLAR/BIPOLAR BIT
SLP = SLEEP MODE BIT


Similar Part No. - LTC2308CUFXTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2308 LINER-LTC2308 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
More results

Similar Description - LTC2308CUFXTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
logo
Linear Technology
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com