Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


A-103-J-20-C0G-H-5-TAA Datasheet(PDF) 9 Page - Vishay Siliconix

Part No. A-103-J-20-C0G-H-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 9 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
28
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
MONO-AXIAL C0G - 100 VDC V CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
120
100 Vdc
A121J15C0GH5UAA
A121K15C0GH5UAA
AMMO
150
A151J15C0GH5TAA
A151K15C0GH5TAA
REEL
150
A151J15C0GH5UAA
A151K15C0GH5UAA
AMMO
180
A181J15C0GH5TAA
A181K15C0GH5TAA
REEL
180
A181J15C0GH5UAA
A181K15C0GH5UAA
AMMO
220
A221J15C0GH5TAA
A221K15C0GH5TAA
REEL
220
A221J15C0GH5UAA
A221K15C0GH5UAA
AMMO
270
A271J15C0GH5TAA
A271K15C0GH5TAA
REEL
270
A271J15C0GH5UAA
A271K15C0GH5UAA
AMMO
330
A331J15C0GH5TAA
A331K15C0GH5TAA
REEL
330
A331J15C0GH5UAA
A331K15C0GH5UAA
AMMO
390
A391J15C0GH5TAA
A391K15C0GH5TAA
REEL
390
A391J15C0GH5UAA
A391K15C0GH5UAA
AMMO
470
A471J15C0GH5TAA
A471K15C0GH5TAA
REEL
470
A471J15C0GH5UAA
A471K15C0GH5UAA
AMMO
560
A561J15C0GH5TAA
A561K15C0GH5TAA
REEL
560
A561J15C0GH5UAA
A561K15C0GH5UAA
AMMO
680
A681J15C0GH5TAA
A681K15C0GH5TAA
REEL
680
A681J15C0GH5UAA
A681K15C0GH5UAA
AMMO
820
A821J15C0GH5TAA
A821K15C0GH5TAA
REEL
820
A821J15C0GH5UAA
A821K15C0GH5UAA
AMMO
1000
A102J20C0GH5TAA
A102K20C0GH5TAA
REEL
1000
A102J20C0GH5UAA
A102K20C0GH5UAA
AMMO
1200
A122J20C0GH5TAA
A122K20C0GH5TAA
REEL
1200
A122J20C0GH5UAA
A122K20C0GH5UAA
AMMO
1500
A152J20C0GH5TAA
A152K20C0GH5TAA
REEL
1500
A152J20C0GH5UAA
A152K20C0GH5UAA
AMMO
1800
A182J20C0GH5TAA
A182K20C0GH5TAA
REEL
1800
A182J20C0GH5UAA
A182K20C0GH5UAA
AMMO
2200
A222J20C0GH5TAA
A222K20C0GH5TAA
REEL
2200
A222J20C0GH5UAA
A222K20C0GH5UAA
AMMO
2700
A272J20C0GH5TAA
A272K20C0GH5TAA
REEL
2700
A272J20C0GH5UAA
A272K20C0GH5UAA
AMMO
3300
A332J20C0GH5TAA
A332K20C0GH5TAA
REEL
3300
A332J20C0GH5UAA
A332K20C0GH5UAA
AMMO
3900
A392J20C0GH5TAA
A392K20C0GH5TAA
REEL
3900
A392J20C0GH5UAA
A392K20C0GH5UAA
AMMO
4700
A472J20C0GH5TAA
A472K20C0GH5TAA
REEL
4700
A472J20C0GH5UAA
A472K20C0GH5UAA
AMMO
5600
A562J20C0GH5TAA
A562K20C0GH5TAA
REEL
5600
A562J20C0GH5UAA
A562K20C0GH5UAA
AMMO




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl