Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2301IDE-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2301IDE-PBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301IDE-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2301IDE-PBF Datasheet HTML 7Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 8Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 9Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 10Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 11Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 12Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 13Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 14Page - Linear Technology LTC2301IDE-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2301/LTC2305
11
23015f
FUNCTIONAL BLOCK DIAGRAM
23015 BD
+
12-BIT
SAR ADC
ANALOG
INPUT
MUX
I2C
PORT
INTERNAL
2.5V REF
GAIN = 1.6384x
VREF
REFCOMP
SCL
SDA
AD1
AD0
CH0(IN+)
CH1(IN)
PIN NAMES IN PARENTHESES
REFER TO LTC2301
VDD
LTC2301
LTC2305
8k
GND
TIMING DIAGRAM
SDA
SCL
SSr
P
S
tHD(SDA)
S = START, Sr = REPEATED START, P = STOP
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
tr
tr
tf
tf
tHIGH
23015 TD
Definition of Timing for Fast/Standard Mode Devices on the I2C Bus


Similar Part No. - LTC2301IDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2301 LINER-LTC2301 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2301 LINER-LTC2301 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
More results

Similar Description - LTC2301IDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
LTC2305 LINER-LTC2305_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com