Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-473-K-15-C0G-K-5-UAA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # A-473-K-15-C0G-K-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A-473-K-15-C0G-K-5-UAA Datasheet(HTML) 7 Page - Vishay Siliconix

  A-473-K-15-C0G-K-5-UAA Datasheet HTML 1Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 2Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 3Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 4Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 5Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 6Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 7Page - Vishay Siliconix A-473-K-15-C0G-K-5-UAA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 45167
If not in range chart or for technical questions, please contact: cmll@vishay.com
www.vishay.com
Revision: 18-Sep-06
35
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
Vishay
MONO-AXIAL C0G - 500 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
270
500 Vdc
A271J15C0GL5TAA
A271K15C0GL5TAA
REEL
270
A271J15C0GL5UAA
A271K15C0GL5UAA
AMMO
330
A331J15C0GL5TAA
A331K15C0GL5TAA
REEL
330
A331J15C0GL5UAA
A331K15C0GL5UAA
AMMO
390
A391J15C0GL5TAA
A391K15C0GL5TAA
REEL
390
A391J15C0GL5UAA
A391K15C0GL5UAA
AMMO
470
A471J20C0GL5TAA
A471K20C0GL5TAA
REEL
470
A471J20C0GL5UAA
A471K20C0GL5UAA
AMMO
560
A561J20C0GL5TAA
A561K20C0GL5TAA
REEL
560
A561J20C0GL5UAA
A561K20C0GL5UAA
AMMO
680
A681J20C0GL5TAA
A681K20C0GL5TAA
REEL
680
A681J20C0GL5UAA
A681K20C0GL5UAA
AMMO
820
A821J20C0GL5TAA
A821K20C0GL5TAA
REEL
820
A821J20C0GL5UAA
A821K20C0GL5UAA
AMMO
1000
A102J20C0GL5TAA
A102K20C0GL5TAA
REEL
1000
A102J20C0GL5UAA
A102K20C0GL5UAA
AMMO


Similar Part No. - A-473-K-15-C0G-K-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A-473-K-15-C0G-F-5-TAA VISHAY-A-473-K-15-C0G-F-5-TAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
A-473-K-15-C0G-F-5-UAA VISHAY-A-473-K-15-C0G-F-5-UAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
A-473-K-15-C0G-H-5-TAA VISHAY-A-473-K-15-C0G-H-5-TAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
A-473-K-15-C0G-H-5-UAA VISHAY-A-473-K-15-C0G-H-5-UAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
More results

Similar Description - A-473-K-15-C0G-K-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com