Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU050-GACNA-1M0000000 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # TRU050-GACNA-1M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GACNA-1M0000000 Datasheet(HTML) 8 Page - Vectron International, Inc

Back Button TRU050-GACNA-1M0000000 Datasheet HTML 4Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 9Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 10Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 11Page - Vectron International, Inc TRU050-GACNA-1M0000000 Datasheet HTML 12Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 8 of 14
Rev: 26Aug2008
Figure 7. SPICE Model
*****TRU050 ac Loop model
vi 1 0 ac 1
ri 1 0 1K
*****Phase Detector
e1 2 0 1 0 1
(for closed loop response use: e1 2 0 1 12 1)
r2 2 3 30K
c1 2 0 60p
*****Phase Detector Gain=0.53 x Data Density (Data Density=1 for clocks) for 5 volt
operation and = 0.35 * Data Density for 3.3 volt operation
e2 4 0 3 0 .35
*****Loop filter
r1 4 5 60K
c2 5 0 10p
rf 5 6 90K
cf 6 7 1.0u
e3 7 0 5 0 –10000
***** VCXO, Input Bandwidth=50kHz
r5 7 8 160K
c4 8 0 20p
*****VCXO Gain x 2pi (Example, use OUT1 x 100ppm x 2 x pi)
e4 9 0 8 0 12214
*****1/S model
r6 9 10 1000
c5 10 11 0.001
e5 11 0 10 0 –1e6
****Divide by N
e6 12 0 11 0 1
r8 12 0 1K
The bold numbers are user selectable R/C, data density, VCXO frequency and divide-
by values, and are from figure 11.
Vi
Ri
E1 R2 C1
E2 R1
C2
Rf
Cf
E3
R5 C4
E4
R6 C5
E5
E6
R7
12
3
4
5
6
7
8
9
10
11
12


Similar Part No. - TRU050-GACNA-1M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GACCA ETC-TRU050-GACCA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GACFA ETC-TRU050-GACFA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GACGA ETC-TRU050-GACGA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GACHA ETC-TRU050-GACHA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GACNA-1M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com