Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


A-103-K-15-C0G-L-5-TAA Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. A-103-K-15-C0G-L-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 5 page
background image
Document Number: 45167
If not in range chart or for technical questions, please contact: cmll@vishay.com
www.vishay.com
Revision: 18-Sep-06
33
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
Vishay
MONO-AXIAL C0G - 200 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
820
200 Vdc
A821J20C0GL5UAA
A821K20C0GL5UAA
AMMO
1000
A102J20C0GL5TAA
A102K20C0GL5TAA
REEL
1000
A102J20C0GL5UAA
A102K20C0GL5UAA
AMMO
1200
A122J20C0GL5TAA
A122K20C0GL5TAA
REEL
1200
A122J20C0GL5UAA
A122K20C0GL5UAA
AMMO
1500
A152J20C0GL5TAA
A152K20C0GL5TAA
REEL
1500
A152J20C0GL5UAA
A152K20C0GL5UAA
AMMO
1800
A182J20C0GL5TAA
A182K20C0GL5TAA
REEL
1800
A182J20C0GL5UAA
A182K20C0GL5UAA
AMMO
2200
A222J20C0GK5TAA
A220K20C0GK5TAA
REEL
2200
A222J20C0GK5UAA
A220K20C0GK5UAA
AMMO
MONO-AXIAL X7R - 500 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
100
500 Vdc
A101K15X7RL5TAA
A101M15X7RL5TAA
REEL
100
A101K15X7RL5UAA
A101M15X7RL5UAA
AMMO
120
A121K15X7RL5TAA
A121M15X7RL5TAA
REEL
120
A121K15X7RL5UAA
A121M15X7RL5UAA
AMMO
150
A151K15X7RL5TAA
A151M15X7RL5TAA
REEL
150
A151K15X7RL5UAA
A151M15X7RL5UAA
AMMO
180
A181K15X7RL5TAA
A181M15X7RL5TAA
REEL
180
A181K15X7RL5UAA
A181M15X7RL5UAA
AMMO
220
A221K15X7RL5TAA
A221M15X7RL5TAA
REEL
220
A221K15X7RL5UAA
A221M15X7RL5UAA
AMMO
270
A271K15X7RL5TAA
A271M15X7RL5TAA
REEL
270
A271K15X7RL5UAA
A271M15X7RL5UAA
AMMO
330
A331K15X7RL5TAA
A331M15X7RL5TAA
REEL
330
A331K15X7RL5UAA
A331M15X7RL5UAA
AMMO
390
A391K15X7RL5TAA
A391M15X7RL5TAA
REEL
390
A391K15X7RL5UAA
A391M15X7RL5UAA
AMMO
470
A471K15X7RL5TAA
A471M15X7RL5TAA
REEL
470
A471K15X7RL5UAA
A471M15X7RL5UAA
AMMO
560
A561K15X7RL5TAA
A561M15X7RL5TAA
REEL
560
A561K15X7RL5UAA
A561M15X7RL5UAA
AMMO
680
A681K15X7RL5TAA
A681M15X7RL5TAA
REEL
680
A681K15X7RL5UAA
A681M15X7RL5UAA
AMMO
820
A821K15X7RL5TAA
A821M15X7RL5TAA
REEL
820
A821K15X7RL5UAA
A821M15X7RL5UAA
AMMO
1000
A102K15X7RL5TAA
A102M15X7RL5TAA
REEL
1000
A102K15X7RL5UAA
A102M15X7RL5UAA
AMMO
1200
A122K15X7RL5TAA
A122M15X7RL5TAA
REEL
1200
A122K15X7RL5UAA
A122M15X7RL5UAA
AMMO
1500
A152K15X7RL5TAA
A152M15X7RL5TAA
REEL
1500
A152K15X7RL5UAA
A152M15X7RL5UAA
AMMO
1800
A182K15X7RL5TAA
A182M15X7RL5TAA
REEL
1800
A182K15X7RL5UAA
A182M15X7RL5UAA
AMMO
2200
A222K15X7RL5TAA
A222M15X7RL5TAA
REEL
2200
A222K15X7RL5UAA
A222M15X7RL5UAA
AMMO
2700
A272K15X7RL5TAA
A272M15X7RL5TAA
REEL
2700
A272K15X7RL5UAA
A272M15X7RL5UAA
AMMO
3300
A332K20X7RL5TAA
A332M20X7RL5TAA
REEL




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MONO-AXIAL50-100Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc 1 2 3 4 5 MoreVishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl