Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS5HXB37C15 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # RGS5HXB37C15
Description  Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

RGS5HXB37C15 Datasheet(HTML) 1 Page - Vectron International, Inc

  RGS5HXB37C15 Datasheet HTML 1Page - Vectron International, Inc RGS5HXB37C15 Datasheet HTML 2Page - Vectron International, Inc RGS5HXB37C15 Datasheet HTML 3Page - Vectron International, Inc RGS5HXB37C15 Datasheet HTML 4Page - Vectron International, Inc RGS5HXB37C15 Datasheet HTML 5Page - Vectron International, Inc RGS5HXB37C15 Datasheet HTML 6Page - Vectron International, Inc RGS5HXB37C15 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Data Sheet
SATCOM / "1 ppm Forever"
Temperature Compensated Crystal Oscillators
Features
Frequency from 0.5 MHz to 160 MHz
Stability to
± 0.1 ppm 0 to 50˚C
+5Vdc to +24Vdc supply voltage options
Sinewave, HCMOS, TTL options
Over 500,000 units produced
Applications
SATCOM
Base Stations and Picocells
LMDS, WLL, SONET, Stratum 3
Description
The SATCOM and "1 ppm Forever" series of
Temperature Compensated Crystal Oscillators
(TCXO's) are available in frequencies from
0.5 MHz to 160 MHz.
These series offer performance for short term
stability, phase noise, G sensitivity, aging and
temperature stability normally only associated
with Oven Controlled Crystal Oscillators
(OCXO's), while consuming typically < 20 mA.
With over 500,000 units produced,
Vec-
tron International has more experience with this
type of TCXO then the rest of the industry
combined.
1


Similar Part No. - RGS5HXB37C15

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RGS50KE OHMITE-RGS50KE Datasheet
233Kb / 2P
   Rheostats (Potentiometers) Wirewound
RGS50KE OHMITE-RGS50KE Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
Rohm
RGS50TSX2 ROHM-RGS50TSX2 Datasheet
994Kb / 11P
   1200V 25A Field Stop Trench IGBT
RGS50TSX2D ROHM-RGS50TSX2D Datasheet
1Mb / 13P
   1200V 25A Field Stop Trench IGBT
RGS50TSX2DHR ROHM-RGS50TSX2DHR Datasheet
1Mb / 13P
   1200V 25A Field Stop Trench IGBT
2020.09 - Rev.C
More results

Similar Description - RGS5HXB37C15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com