Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S332Z29Y5VN6.J5. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # S332Z29Y5VN6.J5.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S332Z29Y5VN6.J5. Datasheet(HTML) 5 Page - Vishay Siliconix

  S332Z29Y5VN6.J5. Datasheet HTML 1Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 2Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 3Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 4Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 5Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 6Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 7Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 8Page - Vishay Siliconix S332Z29Y5VN6.J5. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision 26-Oct-06
53
HV 1 kV - 6 kV
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Vishay BCcomponents
ORDERING INFORMATION, 2 KV (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
KINKED
CLASS 1 SL0
10
± 5
6.5
5.0
4.0
S100J25SL0P6.K5.
± 10
S100K25SL0P6.K5.
12
± 5
S120J25SL0P6.K5.
± 10
S120K25SL0P6.K5.
15
± 5
S150J25SL0P6.K5.
± 10
S150K25SL0P6.K5.
18
± 5
S180J25SL0P6.K5.
± 10
S180K25SL0P6.K5.
22
± 5
S220J25SL0P6.K5.
± 10
S220K25SL0P6.K5.
27
± 5
S270J25SL0P6.K5.
± 10
S270K25SL0P6.K5.
33
± 5
7.5
S330J29SL0P6.K5.
± 10
S330K29SL0P6.K5.
39
± 5
S390J29SL0P6.K5.
± 10
S390K29SL0P6.K5.
47
± 5
S470J29SL0P6.K5.
± 10
S470K29SL0P6.K5.
56
± 5
S560J29SL0P6.K5.
± 10
S560K29SL0P6.K5.
68
± 5
8.5
S680J33SL0P6.K5.
± 10
S680K33SL0P6.K5.
82
± 5
S820J33SL0P6.K5.
± 10
S820K33SL0P6.K5.
100
± 5
10.0
S101J39SL0P6.K5.
± 10
S101K39SL0P6.K5.
120
± 5
S121J39SL0P6.K5.
± 10
S121K39SL0P6.K5.
150
± 10
11.0
S151K43SL0P6.K5.
CLASS 2 X7R
100
± 10
6.5
5.0
4.0
S101K25X7RP6.K5.
150
S151K25X7RP6.K5.
220
S221K25X7RP6.K5.
330
S331K25X7RP6.K5.
470
7.5
S471K29X7RP6.K5.
680
8.5
S681K33X7RP6.K5.
1000
10.0
S102K39X7RP6.K5.
1500
11.0
S152K43X7RP6.K5.
2200
13.5
7.5
4.8
S222K53X7RP6.K7.
3300
15.0
S332K59X7RP6.K7.


Similar Part No. - S332Z29Y5VN6.J5.

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S332 NKK-S332 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
UMPCO, Inc.
S332 UMPCO-S332 Datasheet
135Kb / 1P
   CLAMP, LOOPCUSHIONED, 1/2" MOUNTING SCREW
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
Heyco.
S3323 HEYCO-S3323 Datasheet
99Kb / 1P
   Stainless Steel Cable Clamps
More results

Similar Description - S332Z29Y5VN6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com