Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S222Z29Y5VN6.J5. Datasheet(PDF) 9 Page - Vishay Siliconix

Part # S222Z29Y5VN6.J5.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S222Z29Y5VN6.J5. Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button S222Z29Y5VN6.J5. Datasheet HTML 3Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 4Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 5Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 6Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 7Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 8Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 9Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 10Page - Vishay Siliconix S222Z29Y5VN6.J5. Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision 26-Oct-06
57
HV 1 kV - 6 kV
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Vishay BCcomponents
Notes
1.
Cumulative pitch error: ±
≤ 1 mm/20 pitches.
2.
Obliquity maximum 3
°.
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS
(mm)
NOMINAL
TOLERANCE
D
body diameter
11.0 maximum
-
d
lead diameter
0.6
± 0.05
P
pitch between capacitors
12.7
± 1.0
P0
feed-hole pitch
12.7
± 0.3; note 1
ΔP
plane deviation
1.0 maximum
-
P1
feed-hole centre to lead centre
3.85
± 0.7; note 2
P2
feed-hole centre to component centre
6.35
± 1.3; note 2
F
lead spacing
5.0
+ 0.6/- 0.4
Δh
component alignment
0
± 1.0
W
tape width
18.0
+ 1.0/- 0.5
W0
hold-down tape width
5.0 minimum
-
W1
hole position
9.0
+ 0.75/- 0.5
W2
hold-down tape margin
3.0 maximum
-
H0
height to seating plane
16.0
± 0.5
H1
maximum component height
32.0
-
e
lead end protrusion
1.0 maximum
-
L
maximum length of snipped lead
11.0
-
D0
feed-hole diameter
4.0
± 0.2
t
total tape thickness
0.9 maximum
t1
maximum thickness of tape and wires
1.5 maximum
P
2
P
D
P1
∅ d
W1
W0
W2
W
H0
H1
D0
P0
direction of unreeling
A
t
detail A
Δh
Δh
ΔP
ΔP
t1
F
e
L
Δs
Δs
Kinked capacitors on tape, lead spacing 5.0 mm (0.2 inch)


Similar Part No. - S222Z29Y5VN6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222Z33Y5VS6.K7. VISHAY-S222Z33Y5VS6.K7. Datasheet
289Kb / 5P
   Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Revision: 12-Dec-06
More results

Similar Description - S222Z29Y5VN6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com